Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR09090EF Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AGR09090EF
Description  90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR09090EF Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AGR09090EF Datasheet HTML 1Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 2Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 3Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 4Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 5Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 6Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 7Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 8Page - TriQuint Semiconductor AGR09090EF Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
90 W, 865 MHz—960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF
Test Circuit Illustrations for AGR09090EF, 921 MHz—960 MHz
A. Schematic, 921 MHz—960 MHz
Parts List:
Microstrip line: Z1 0.035 in. x 0.066 in.; Z2 0.120 in. x 0.066 in.; Z3 0.475 in. x 0.100 in.; Z4 0.050 in. x 0.100 in.; Z5 0.129 in. x 0.100 in.;
Z6 0.958 in. x 0.050 in.; Z7 0.629 in. x 0.532 in.; Z8 0.050 in. x 0.532 in.; Z9 0.100 in. x 0.532 in.; Z10 0.050 in. x 0.532 in.;
Z11 0.412 in. x 0.532 in.; Z12 0.050 in. x 0.532 in.; Z13 0.122 in. x 0.532 in.; Z15 0.050 in. x 0.532 in.; Z16 0.173 in. x 0.532 in.;
Z17 1.916 in. x 0.050 in.; Z18 0.734 in. x 0.100 in.; Z19 0.050 in. x 0.100 in.; Z20 0.086 in. x 0.100 in.; Z21 0.208 in. x 0.066 in.;
Z22 0.208 in. x 0.066 in.; Z23 0.278 in. x 0.066 in.; Z24 0.305 x 0.050
ATC® chip capacitor: C1, C6, C15, C16: 47 pF 100B470JW500X; C2: 2.7 pF 100B2R7JW500X; C3: 2.0 pF 100B2R0CW
C4, C5, C11, C12: 12 pF 100B120JW500X; C7: 22 pF 100B220JW500X; C13, C21: 1 pF 100B1R0BW500X; C14: 4.7 pF 100B4R7CW;
C17: 10 pF 100B100JW500X; C23: 8.2 pF 100A8R2CW.
Sprague® tantalum surface-mount chip capacitor: C10, C20 10 µF, 35 V; C22 22 µF, 35 V.
Murata® 0805 size chip capacitor: C8, C18: 0.01 µF GRM40X7R103K100AL.
Kemet® 1206 size chip capacitor: C9, C19: 0.1 µF C1206104K5RAC7800.
1206 size chip resistor: R1 51
RM73B2B510, R2 1 k
RM73B2B130.
Kreger® ferrite bead: FB1 2743D19447.
Taconic® ORCER RF-35: board material, 1 oz. copper, 30 mil thickness, r = 3.5.
B. Component Layout, 921 MHz—960 MHz
Figure 2. AGR09090EF Test Circuit, 921 MHz—960 MHz
DUT
R1
C8
C22
Z1
C1 Z2
Z3
Z4
Z5
Z22
C15
Z16
Z18
Z19
Z20
C16
RF
VGG
VDD
RF OUTPUT
Z7
Z10
FB1
C9
C7
C6
C5
C4
C11
C12
Z11
C18
C20
C19
C17
C3
Z17
1
3
2
PINS:
1. DRAIN
2. GATE
3. SOURCE
C2
C10
R2
Z6
Z8
Z9
Z12
Z13
Z14
INPUT
C21
C13
Z15
Z21
C14
Z23
C23
Z24


Similar Part No. - AGR09090EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EF TRIQUINT-AGR09030EF Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EU TRIQUINT-AGR09030EU Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR09090EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09085E TRIQUINT-AGR09085E Datasheet
354Kb / 8P
   85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09130E TRIQUINT-AGR09130E Datasheet
466Kb / 10P
   130 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09070EF TRIQUINT-AGR09070EF Datasheet
373Kb / 8P
   70 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com