Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR09130EU Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # AGR09130EU
Description  130 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR09130EU Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button AGR09130EU Datasheet HTML 2Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 3Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 4Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 5Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 6Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 7Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 8Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 9Page - TriQuint Semiconductor AGR09130EU Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
December 2005
Rev B
Johanson and Giga-Trim are registered trademarks of Johanson Manufacturing Corporation.
ATC is a registered trademark of American Technical Ceramics Corporation.
Kemet is a registered trademark of KRC Trade Corporation.
Sprague is a registered trademark of Sprague Electric Company Corporation.
Kreger is a registered trademark of Kreger Components, Inc.
Taconic is a registered trademark of Tonoga Limited DBA Taconic Plastics Ltd.
130 W, 921 MHz—960 MHz, N-Channel E-Mode, Lateral MO SFET
AGR09130E
Ordering Information
Device Code
Package
Availability
AGR09130E
AGR09130EU (surface-mount)
AGR09130EF (flanged)
Tray
Tray


Similar Part No. - AGR09130EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR09130EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09070EF TRIQUINT-AGR09070EF Datasheet
373Kb / 8P
   70 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09085E TRIQUINT-AGR09085E Datasheet
354Kb / 8P
   85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
Tyco Electronics
MAMO-007252-IN2960 MACOM-MAMO-007252-IN2960 Datasheet
63Kb / 2P
   E-Series I/Q Modulator 921 - 960 MHz
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
   921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
   921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com