Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR18090EU Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AGR18090EU
Description  90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18090EU Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AGR18090EU Datasheet HTML 1Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 2Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 3Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 4Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 5Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 6Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 7Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 8Page - TriQuint Semiconductor AGR18090EU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Data Sheet
September 2003
AGR18090E
90 W, 1.805 GHz—1.880 GHz, LDMOS RF Power Transistor
Introduction
The AGR18090E is a high-voltage, gold-metalized,
laterally diffused metal oxide semiconductor
(LDMOS) RF power transistor suitable for global sys-
tem for mobile communication (GSM), enhanced
data for global evolution (EDGE), and multicarrier
class AB power amplifier applications. This device is
manufactured using advanced LDMOS technology
offering state-of-the-art performance and reliability. It
is packaged in an industry-standard package and is
capable of delivering a typical output power of 90 W,
which makes it ideally suited for today’s wireless
base station RF power amplifier applications.
Figure 1. Available Packages
Features
Typical performance ratings for GSM EDGE
(f = 1.840 GHz, POUT = 30 W):
— Modulation spectrum:
@ ±400 kHz = –63 dBc.
@ ±600 kHz = –73 dBc.
— Error vector magnitude (EVM) = 1.7%.
— Gain = 15 dB.
— Drain Efficiency = 31%.
Typical continuous wave (CW) performance over
entire digital communication system (DCS) band:
— P1dB: 90 W typ.
— Power gain: @ P1dB = 14 dB.
— Efficiency @ P1dB = 50% typ.
— Return loss: –10 dB.
High-reliability gold-metalization process.
Low hot carrier injection (HCI) induced bias drift
over 20 years.
Internally matched.
High gain, efficiency, and linearity.
Integrated ESD protection.
90 W minimum output power.
Device can withstand 10:1 voltage standing wave
ratio (VSWR) at 26 Vdc, 1.840 GHz, 90 W CW out-
put power.
Large signal impedance parameters available.
Table 1. Thermal Characteristics
Table 2. Absolute Maximum Ratings
*
* Stresses in excess of the absolute maximum ratings can cause
permanent damage to the device. These are absolute stress rat-
ings only. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect
device reliability.
Table 3. ESD Rating
*
* Although electrostatic discharge (ESD) protection circuitry has
been designed into this device, proper precautions must be
taken to avoid exposure to ESD and electrical overstress (EOS)
during all handling, assembly, and test operations. Agere
employs both a human-body model (HBM) and a charged-device
model (CDM) qualification requirement in order to determine
ESD-susceptibility limits and protection design evaluation. ESD
voltage thresholds are dependent on the circuit parameters used
in each of the models, as defined by JEDEC's JESD22-A114
(HBM) and JESD22-C101 (CDM) standards.
Caution: MOS devices are susceptible to damage from elec-
trostatic charge. Reasonable precautions in han-
dling and packaging MOS devices should be
observed.
AGR18090EU
AGR18090EF
Parameter
Sym
Value
Unit
Thermal Resistance,
Junction to Case:
AGR18090EU
AGR18090EF
Rı JC
Rı JC
0.75
0.75
°C/W
°C/W
Parameter
Sym
Value
Unit
Drain-source Voltage
VDSS
65
Vdc
Gate-source Voltage
VGS –0.5, 15 Vdc
Drain Current—Continuous
ID
8.5
Adc
Total Dissipation at TC = 25 °C:
AGR18090EU
AGR18090EF
PD
PD
230
230
W
W
Derate Above 25 ˇC:
AGR18090EU
AGR18090EF
1.31
1.31
W/°C
W/°C
Operating Junction Tempera-
ture
TJ
200
°C
Storage Temperature Range TSTG –65, 150 °C
AGR18090E
Minimum (V)
Class
HBM
500
1B
MM
50
A
CDM
1500
4
PEAK Devices


Similar Part No. - AGR18090EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EF TRIQUINT-AGR18060EF Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EU TRIQUINT-AGR18060EU Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18090EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18125E TRIQUINT-AGR18125E Datasheet
382Kb / 6P
   125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
ANADIGICS, Inc
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
logo
STMicroelectronics
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
   40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
April 2021 Rev 2
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
   30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
September 2021 Rev 2
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
   400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
   200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
   80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
   180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
April 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com