Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR18125EF Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AGR18125EF
Description  125 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR18125EF Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AGR18125EF Datasheet HTML 1Page - TriQuint Semiconductor AGR18125EF Datasheet HTML 2Page - TriQuint Semiconductor AGR18125EF Datasheet HTML 3Page - TriQuint Semiconductor AGR18125EF Datasheet HTML 4Page - TriQuint Semiconductor AGR18125EF Datasheet HTML 5Page - TriQuint Semiconductor AGR18125EF Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
125 W, 1.805 GHz—1.880 GHz, LDMOS RF Power Transistor
AGR18125E
Product Brief
Package Dimensions
All dimensions are in inches. Tolerances are ±0.005 in. unless specified.
AGR18125EU
AGR18125EF
Label Notes:
M before the part number denotes model program. X before the part number denotes engineering prototype.
The last two letters of the part number denote wafer technology and package type.
YYWWLL is the date code including place of manufacture: year year work week (YYWW), LL = location (AL = Allentown, PA; T = Thailand).
XXXXX = five-digit wafer lot number.
ZZZZZZZ = seven-digit assembly lot number on production parts.
ZZZZZZZZZZZZ = 12-digit (five-digit lot, two-digit wafer, and five-digit serial number) on models and engineering prototypes.
PINS:
1. DRAIN
2. GATE
3. SOURCE
PINS:
1. DRAIN
2. GATE
3. SOURCE
A
M-AGR21125U
YYWWUR
ZZZZZZZ
PEAK DEVICES
AGR18125XU
YYWWLL XXXXX
ZZZZZZZ
1
2
3
1
2
3
M-AGR21125F
YYWWUR
ZZZZZZZ
1
3
2
PEAK DEVICES
AGR18125XF
YYWWLL XXXXX
ZZZZZZZ
1
2
3


Similar Part No. - AGR18125EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18060E TRIQUINT-AGR18060E Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EF TRIQUINT-AGR18060EF Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
AGR18060EU TRIQUINT-AGR18060EU Datasheet
426Kb / 9P
   60 W, 1805 MHz-1880 MHz, LDMOS RF Power Transistor
More results

Similar Description - AGR18125EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR18090E TRIQUINT-AGR18090E Datasheet
356Kb / 9P
   90 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18045E TRIQUINT-AGR18045E Datasheet
432Kb / 9P
   45 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
AGR18030EF TRIQUINT-AGR18030EF Datasheet
425Kb / 9P
   30 W, 1.805 GHz-1.880 GHz, LDMOS RF Power Transistor
logo
ANADIGICS, Inc
AWB7222 ANADIGICS-AWB7222 Datasheet
740Kb / 9P
   1.805 - 1.880 GHz Small-Cell Power Amplifier Module
logo
STMicroelectronics
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
   40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
April 2021 Rev 2
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
   30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
September 2021 Rev 2
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
   400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
   200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
   80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
April 2021 Rev 2
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
   180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
April 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com