Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11324BMIB Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11324BMIB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11324BMIB Datasheet(HTML) 1 Page - TOKO, Inc

  TK11324BMIB Datasheet HTML 1Page - TOKO, Inc TK11324BMIB Datasheet HTML 2Page - TOKO, Inc TK11324BMIB Datasheet HTML 3Page - TOKO, Inc TK11324BMIB Datasheet HTML 4Page - TOKO, Inc TK11324BMIB Datasheet HTML 5Page - TOKO, Inc TK11324BMIB Datasheet HTML 6Page - TOKO, Inc TK11324BMIB Datasheet HTML 7Page - TOKO, Inc TK11324BMIB Datasheet HTML 8Page - TOKO, Inc TK11324BMIB Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TK113xxBM/U
April 2000 TOKO, Inc.
Page 1
ORDERING INFORMATION
TAPE/REEL CODE
L: Tape Left (SOT23L)
B: Tape Left (SOT89)
TEMP. CODE:
C: -30 to +80
°C
I: -40 to +85
°C
Tape/Reel Code
TK113
B
Voltage Code
Package Code
PACKAGE CODE:
M: SOT23L
U: SOT89
VOLTAGE CODE
20 = 2.0 V
37 = 3.7 V
21 = 2.1 V
38 = 3.8 V
22 = 2.2 V
39 = 3.9 V
23 = 2.3 V
40 = 4.0 V
24 = 2.4 V
41 = 4.1 V
25 = 2.5 V
42 = 4.2 V
26 = 2.6 V
43 = 4.3 V
27 = 2.7 V
44 = 4.4 V
28 = 2.8 V
45 = 4.5 V
29 = 2.9 V
46 = 4.6 V
30 = 3.0 V
47 = 4.7 V
31 = 3.1 V
48 = 4.8 V
32 = 3.2 V
49 = 4.9 V
33 = 3.3 V
50 = 5.0 V
34 = 3.4 V
55 = 5.5 V
35 = 3.5 V
60 = 6.0 V
36 = 3.6 V
80 = 8.0 V
Temp. Code
NOISE
BYPASS
VIN
VOUT
THERMAL
PROTECTION
BANDGAP
REFERENCE
CONTROL
GND
VOLTAGE REGULATOR WITH ON/OFF SWITCH
FEATURES
s High Voltage Precision at
± 2.0%
s Active Low On/Off Control
s Very Low Dropout Voltage 80 mV at 30 mA
s Very Low Noise
s Very Small SOT23L or SOT89 Surface Mount
Packages
s Internal Thermal Shutdown
s Short Circuit Protection
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
BLOCK DIAGRAM
TK113xxB
20P
GND
CONTROL
VOUT
VIN
NOISE BYPASS
GND
VOUT
GND
NOISE BYPASS
GND
CONTROL
VIN
DESCRIPTION
The TK113xxB is a low dropout linear regulator with a built-
in electronic switch. The device is in the “on” state when
the control pin is pulled to a low level. An external capacitor
can be connected to the noise bypass pin to lower the
output noise level to 30
µVrms.
An internal PNP pass transistor is used to achieve a low
dropout voltage of 80 mV (typ.) at 30 mA load current. The
TK113xxB has a very low quiescent current of 170
µA at no
load and 1 mA with a 30 mA load. The standby current is
typically 100 nA. The internal thermal shut down circuitry
limits the junction temperature to below 150
°C. The load
current is internally monitored and the device will shut
down in the presence of a short circuit or overcurrent
condition at the output.
The TK113xxB is available in either 6-pin SOT23L or 5-pin
SOT89 surface mount packages.
SOT23L
SOT89


Similar Part No. - TK11324BMIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11324BMCB TOKO-TK11324BMCB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11324BMCL TOKO-TK11324BMCL Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11324BMIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com