Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR21060E Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AGR21060E
Description  60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR21060E Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AGR21060E Datasheet HTML 1Page - TriQuint Semiconductor AGR21060E Datasheet HTML 2Page - TriQuint Semiconductor AGR21060E Datasheet HTML 3Page - TriQuint Semiconductor AGR21060E Datasheet HTML 4Page - TriQuint Semiconductor AGR21060E Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E
0
6
0
1
2
R
G
A
60 W, 2.110 GHz—2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Test Circuit Illustrations for AGR21060E
A. Schematic
Parts List:
?
Microstrip Line: Z1 0.361 in. x 0.065 in.; Z2 0.207 in. x 0.150 in.; Z3 0.085 in. x 0.087 in.; Z4 0.130 in. x 0.357 in.; Z5 0.436 in. x 0.087 in.;
Z6 0.414 in. x 0.900 in.; Z7 0.424 in. x 0.050 in.; Z8 1.170 in. x 0.050 in.; Z9 0.520 in. x 0.624 in.; Z10 0.120 in. x 0.147 in.;
Z11 0.180 in. x 0.250 in.; Z12 0.469 in. x 1.200 in.; Z13 0.068 in. x 0.068 in.; Z14 0.278 in. x 0.065 in.; Z15 1.170 in. x 0.050 in
?
ATC®
chip capacitor: C1, C2: 15 pF 100B150JCA500X; C6, C7: 8.2 pF 100B8R2JCA500X; C11: 1.2 pF 100B1R2JCA500X;
C14, C15: 5.6 pF 100B5R6JCA500X.
?
Sprague®
tantalum surface-mount chip capacitor: C3, C4, C12, C13: 22 µF, 35 V, T491D226K035AS.
?
Vitramon®
chip capacitor: C5, C9: 22000 pF.
?
0805 size chip capacitor: C8 0.01 µF.
?
1206 size chip capacitor: C10 0.1 µF.
?
1206 size 0.25 W chip resistors: R1 1 kΩ; R2 560 kΩ; R3 4.7 Ω.
?
Fair-Rite®
ferrite bead: FB1 2743019447.
?
Taconic®
ORCER RF-35: board material, 1 oz. copper, 30 mil thickness,
εr = 3.5.
B. Component Layout
Figure 2. AGR21060E Test Circuit
DUT
R3
C3
R2
R1
+
C4
C5
+
C6
FB1
Z7
Z1 C1 Z2
Z3
Z4
Z5
Z9
Z10
Z11
Z14
C10A
A
7
C
A
8
C
A
9
C
Z8
A
2
1
C
A
3
1
C
+
C11A
C14A
RF INPUT
VGG
VDD1
RF
C2
C15A
OUTPUT
+
1
2
3
PINS:
1. DRAIN
2. GATE
3. SOURCE
C10B
B
7
C
B
8
C
B
9
C
C13B
C12B
+
C11B
C14B
VDD2
C15B
+
Z15
Z6
Z12
Z13


Similar Part No. - AGR21060E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090EF TRIQUINT-AGR21090EF Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090EU TRIQUINT-AGR21090EU Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR21060E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
PD25025F PEAK-PD25025F Datasheet
1Mb / 4P
   25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com