Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR21125E Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AGR21125E
Description  125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR21125E Datasheet(HTML) 6 Page - TriQuint Semiconductor

  AGR21125E Datasheet HTML 1Page - TriQuint Semiconductor AGR21125E Datasheet HTML 2Page - TriQuint Semiconductor AGR21125E Datasheet HTML 3Page - TriQuint Semiconductor AGR21125E Datasheet HTML 4Page - TriQuint Semiconductor AGR21125E Datasheet HTML 5Page - TriQuint Semiconductor AGR21125E Datasheet HTML 6Page - TriQuint Semiconductor AGR21125E Datasheet HTML 7Page - TriQuint Semiconductor AGR21125E Datasheet HTML 8Page - TriQuint Semiconductor AGR21125E Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
125 W, 2.110 GHz—2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21125E
Typical Performance Characteristics (continued)
Figure 6. IMD vs. Tone Spacing
Figure 7. Gain, Efficiency, IMD3, and ACPR vs. Output Power
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
TWO-TONE SPACING (MHz)
IM7
IM5
VDD = 28 V, POUT = 130 W PEP, FO = 2140 MHz
IM3
0
2
4
6
8
10
12
14
16
18
20
15
20
25
30
35
40
OUTPUT POWER (WATTS-AVERAGE)S
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
2 CARRIER W-CDMA 3 GPP,
PEAK TO AVG. = 8.5 dB @ 0.01% CCDF,
10 MHz SPACING 3.84 MHz CBW, POUT = 28 W,
VDD = 28 V, IDQ = 1200 mA
DRAIN EFF
GAIN
IMD3
ACPR


Similar Part No. - AGR21125E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR21125E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
PD25025F PEAK-PD25025F Datasheet
1Mb / 4P
   25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com