Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR21090EF Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # AGR21090EF
Description  90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR21090EF Datasheet(HTML) 9 Page - TriQuint Semiconductor

  AGR21090EF Datasheet HTML 1Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 2Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 3Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 4Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 5Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 6Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 7Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 8Page - TriQuint Semiconductor AGR21090EF Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AGR21090E
90 W, 2.110 GHz—2.170 GHz, N-Channel E-Mode, Lateral MOSFET
Package Dimensions
All dimensions are in inches. Tolerances are ±0.005 in. unless specified.
AGR21090EU
AGR21090EF
Label Notes:
M before the part number denotes model program. X before the part number denotes engineering prototype.
The last two letters of the part number denote wafer technology and package type.
YYWWLL is the date code including place of manufacture: year year work week (YYWW), LL = location (AL = Allentown, PA; BK = Bangkok,
Thailand). XXXXX = five-digit wafer lot number.
ZZZZZZZ = seven-digit assembly lot number on production parts.
ZZZZZZZZZZZZ = 12-digit (five-digit lot, two-digit wafer, and five-digit serial number) on models and engineering prototypes.
PINS:
1. DRAIN
2. GATE
3. SOURCE
PINS:
1. DRAIN
2. GATE
3. SOURCE
2
2
3
M-AGR21090U
YYWWLL
ZZZZZZZ
1
3
1
PEAK DEVICES
AGR21090XU
YYWWLL XXXXX
ZZZZZZZ
M-AGR21090F
2
ZZZZZZZ
YYWWLL
1
3
2
3
1
PEAK DEVICES
AGR21090XF
YYWWLL XXXXX
ZZZZZZZ


Similar Part No. - AGR21090EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060EF TRIQUINT-AGR21060EF Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060EU TRIQUINT-AGR21060EU Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR21090EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26125E TRIQUINT-AGR26125E Datasheet
392Kb / 9P
   125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com