Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGR26125EF Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # AGR26125EF
Description  125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR26125EF Datasheet(HTML) 9 Page - TriQuint Semiconductor

  AGR26125EF Datasheet HTML 1Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 2Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 3Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 4Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 5Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 6Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 7Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 8Page - TriQuint Semiconductor AGR26125EF Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
125 W, 2.5 GHz—2.7 GHz, N-Channel E-Mode, Lateral MOSFET
E
5
2
1
6
2
R
G
A
Package Dimensions
All dimensions are in inches. Tolerances are ±0.005 in. unless specified. Cut lead indicates drain.
AGR26125EU
AGR26125EF
PINS:
1. DRAIN
2. GATE
3. SOURCE
PINS:
1. DRAIN
2. GATE
3. SOURCE
PEAK DEVICES
AGR26125EU
XXXX
1
2
3
1
2
3
1
3
2
PEAK DEVICES
AGR26125EF
XXXX
1
2
3
XXXX = 4 DIGIT TRACE CODE


Similar Part No. - AGR26125EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR26125EF

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
List of Unclassifed Man...
UGF27025 ETC1-UGF27025 Datasheet
315Kb / 7P
   25W, 2.7 GHz, 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com