Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH420-EPCB2140 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AH420-EPCB2140
Description  4W High Linearity InGaP HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH420-EPCB2140 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AH420-EPCB2140 Datasheet HTML 1Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 2Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 3Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 4Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 5Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 6Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 7Page - TriQuint Semiconductor AH420-EPCB2140 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor Inc
• Phone 1-503-615-9000 • FAX: 503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 3 of 8 Aug 2009
AH420
4W High Linearity InGaP HBT Amplifier
Typical Device Data
S-Parameters (VCC= +5 V, ICC = 800 mA, 25 °C, unmatched 50 ohm system)
0246
Frequency (GHz)
Gain / Maximum Stable Gain
-40
-20
0
20
40
60
DB(GMax())
AH420_EG
DB(|S(2,1)|)
AH420_EG
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
6GHz
Swp Min
0.01GHz
S(1,1)
AH420_EG
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
6GHz
Swp Min
0.01GHz
S(2,2)
AH420_EG
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency, it is expected that
actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the red line.
S-Parameters (VCC = +5 V, ICQ = 800 mA, 25 °C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (deg)
S21 (dB)
S21 (deg)
S12 (dB)
S12 (deg)
S22 (dB)
S22 (deg)
10
-1.22
-176.79
29.97
155.67
-52.77
64.11
-1.61
-39.70
50
-0.44
-177.23
24.42
117.15
-45.04
32.25
-1.05
-122.90
100
-0.31
-178.77
19.17
103.73
-44.01
11.29
-1.16
-150.31
300
-0.28
179.40
10.27
90.61
-43.22
5.32
-0.94
-169.59
500
-0.30
178.17
6.16
84.91
-43.10
-0.42
-0.93
-174.28
700
-0.40
176.72
3.74
79.16
-43.48
36.07
-1.02
-177.33
900
-0.43
175.77
2.09
74.69
-41.72
5.11
-1.07
-177.23
1100
-0.50
173.96
0.99
69.01
-41.21
-1.08
-1.11
-178.10
1300
-0.59
171.86
0.42
62.55
-40.35
-4.63
-1.15
-178.55
1500
-0.74
169.75
0.16
55.48
-39.33
-10.41
-1.21
-179.14
1700
-0.98
167.20
0.25
46.05
-38.86
-20.47
-1.24
-179.88
1900
-1.40
164.19
0.63
34.50
-38.13
-34.84
-1.24
179.85
2100
-2.04
161.94
1.22
18.13
-36.71
-51.74
-1.19
179.15
2300
-2.78
163.47
1.53
-4.61
-35.70
-78.76
-0.95
178.06
2500
-2.88
169.61
0.74
-32.66
-36.03
-114.19
-0.62
175.59
2700
-2.04
171.93
-1.59
-58.88
-37.72
-145.67
-0.52
171.28
2900
-1.32
169.73
-4.55
-77.51
-39.74
-179.01
-0.55
168.08
3100
-0.95
167.05
-7.58
-90.68
-41.31
163.85
-0.68
165.55
3300
-0.78
164.66
-10.52
-100.04
-42.50
141.73
-0.80
164.25
3500
-0.69
162.98
-13.08
-106.66
-43.74
129.82
-0.87
162.92
3700
-0.63
161.89
-15.60
-112.19
-42.73
112.53
-0.90
162.24
3900
-0.61
161.39
-17.79
-116.53
-43.74
105.15
-0.92
161.57
4100
-0.58
161.33
-19.66
-121.50
-43.35
107.61
-0.92
161.67
4300
-0.54
161.51
-21.87
-124.38
-42.62
97.03
-0.97
162.11
Device S-parameters are available for download off of the website at: http://www.tqs.com


Similar Part No. - AH420-EPCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420-EPCB2140 TRIQUINT-AH420-EPCB2140 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
More results

Similar Description - AH420-EPCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
   High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
   High Linearity InGaP HBT Amplifier
PH230 SJM-PH230 Datasheet
403Kb / 5P
   High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
   HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH435 SJM-PH435 Datasheet
585Kb / 6P
   High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com