Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJA1021 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # WJA1021
Description  5V Active-Bias InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

WJA1021 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  WJA1021 Datasheet HTML 1Page - TriQuint Semiconductor WJA1021 Datasheet HTML 2Page - TriQuint Semiconductor WJA1021 Datasheet HTML 3Page - TriQuint Semiconductor WJA1021 Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 3 of 4
April 2009
WJA1021
+5V Active-Bias InGaP HBT Gain Block
Application Circuit
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
Bypass
Capacitor
R4
0
Ω
RF IN
C2
Blocking
Capacitor
Vcc =+5.00V
Icc = 90 mA
WJA1021
For optimal OIP3 performance, the ground plane to the left and right side around the backside paddle of the WJA1021 should be removed as shown in the above PCB layout.
.
Recommended Component Values
(1)
Ref. Name
Value / Type
Size
L1
470 nH ferrite core wire wound inductor (2)
0805
C1, C2
1000 pF NPO chip capacitor
0603
C3
0.018
μF chip capacitor
0603
R4
0
Ω(3)
0603
C4, C5, C6,
R3, R5, R6,
R7, R8
Do Not Place (3)
1.
The listed values are contained on the evaluation board to achieve optimal broadband performance
2.
For lower cost and performance (500 – 2000 MHz) option use 39 nH ceramic core wire wound inductor.
3.
Place holders for the 0
Ω resistors and “Do Not Place” references are not needed for final design.
Typical Device Data
S-Parameters (Vdevice = +5 V, ICC = 90 mA, T = 25 °C, calibrated to device leads)
Freq (GHz)
S11 (dB)
S11(ang)
S21 (dB)
S21 (ang)
S12(dB)
S12 (ang)
S22 (dB)
S22 (ang)
10
-15.27
-76.97
22.78
168.92
-25.80
14.54
-10.81
-41.48
50
-13.47
-152.73
20.29
167.37
-23.38
5.70
-17.02
-114.67
100
-13.32
-167.56
19.92
167.89
-23.14
2.35
-18.91
-138.72
200
-13.32
-176.11
19.69
162.64
-23.15
-0.19
-19.27
-150.77
400
-12.94
178.15
19.56
149.53
-23.10
-3.54
-19.05
-153.38
600
-12.38
175.26
19.41
135.79
-23.07
-6.98
-18.22
-155.49
800
-12.32
168.40
19.13
122.10
-23.01
-10.41
-16.64
-155.88
1000
-12.56
158.65
18.92
108.57
-22.96
-12.83
-14.40
-155.90
1200
-12.94
146.78
18.58
94.17
-23.04
-16.41
-12.71
-156.76
1400
-12.96
137.52
18.24
81.46
-22.89
-20.13
-11.63
-159.26
1590
-13.24
130.56
17.96
68.23
-22.87
-23.01
-11.35
-165.00
1600
-13.26
130.42
17.95
67.69
-22.87
-22.74
-11.36
-165.60
1800
-14.12
124.89
17.61
54.09
-22.79
-25.91
-11.04
-173.55
2000
-16.59
115.57
17.26
40.63
-22.96
-29.81
-10.18
178.28
2200
-21.32
95.97
16.79
27.03
-22.94
-33.39
-8.81
171.50
2400
-29.00
44.53
16.18
13.53
-23.04
-36.47
-7.80
167.47
2600
-31.47
-55.07
15.66
0.14
-23.06
-39.44
-7.42
162.95
2800
-22.56
-119.27
15.05
-13.34
-23.06
-42.87
-7.44
157.56
3000
-16.22
-137.02
14.35
-27.33
-23.15
-46.10
-7.52
149.16
3200
-12.35
-143.92
13.50
-40.56
-23.27
-49.30
-7.26
140.55
3400
-10.00
-148.38
12.51
-53.24
-23.47
-51.83
-6.61
132.18
3600
-8.71
-155.84
11.58
-65.24
-23.53
-54.62
-5.87
127.43
3800
-7.94
-168.09
10.79
-76.83
-23.40
-57.36
-5.50
124.79
4000
-7.03
175.94
9.72
-89.13
-23.29
-61.41
-5.62
120.23
Device S-parameters are available for download from the website at: http://www.wj.com


Similar Part No. - WJA1021

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1021-PCB WJCI-WJA1021-PCB Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results

Similar Description - WJA1021

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1510 WJCI-WJA1510 Datasheet
196Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1015 WJCI-WJA1015 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1030 TRIQUINT-WJA1030 Datasheet
179Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1000 WJCI-WJA1000 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com