Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-FIAM5BHG3 Datasheet(PDF) 6 Page - Vicor Corporation

Part # M-FIAM5BHG3
Description  Military COTS 28 Vin Filter Input Attenuator Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM5BHG3 Datasheet(HTML) 6 Page - Vicor Corporation

  M-FIAM5BHG3 Datasheet HTML 1Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 2Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 3Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 4Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 5Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 6Page - Vicor Corporation M-FIAM5BHG3 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Set your site on VICOR at vicorpower.com
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM5B
Rev. 3.7
Page 6 of 7
INCHES
MM
20,6
0.81
39,1
1.54
26,4
1.04
7,8
0.31
Input Connector
MVA – FIAM5B
Output Connector
119,4
4.7
Figure 8 — MVA-FIAM5B Packaging Option
Output Connector
Pin #
Function
Pin #
Function
1
+Vout
10
+Vout
2
+Vout
11
+Vout
3
+Vout
12
+Vout
4
N/C
13
N/C
5
N/C
14
N/C
6
N/C
15
On / Off
7
–Vout
16
–Vout
8
–Vout
17
–Vout
9
–Vout
18
–Vout
Output Mounting
Vicor P/N
Connector
Housing
25050
Pin
24796
Kit
25067
Input Connector
Pin #
Function
1 – 4
–Vin
5 – 7
+Vin
8NC
9
PE protective earth
10
PE protective earth
11 – 13
–Vin
14 – 17
+Vin
18
NC
19
PE protective earth
20
PE protective earth
Input Mounting
Vicor P/N
Connector
Housing
24795
Pin
24796
Kit
24828
1
10
9
18
1
11
10
20
Note: The MVA-FIAM5BH and MVA-FIAM5BM are delivered with the On / Off control already configured as On using a 0 Ohm resistor on
the underside of the output connector board. The MVA-FIAM5BH-C and MVA-FIAM5BM-C are delivered without the 0 Ohm resistor
installed, allowing for user control of the On / Off functionality.


Similar Part No. - M-FIAM5BHG3

ManufacturerPart #DatasheetDescription
logo
Powerbox
M-FIAM5BI11 POWERBOX-M-FIAM5BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5BI12 POWERBOX-M-FIAM5BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5BI13 POWERBOX-M-FIAM5BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5BI21 POWERBOX-M-FIAM5BI21 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5BI22 POWERBOX-M-FIAM5BI22 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM5BHG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com