Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13041ASD+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13041ASD+
Description  ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13041ASD+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13041ASD+ Datasheet HTML 4Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 5Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 6Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 7Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 8Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 9Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 10Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 11Page - Maxim Integrated Products MAX13041ASD+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
±80V Fault-Protected High-Speed CAN Transceiver
with Low-Power Management and Wake-On CAN
8
_______________________________________________________________________________________
TXD-CAN PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0
10
20
30
40
50
60
70
80
90
100
CAN-RXD PROPAGATION DELAY
200ns/div
MAX13041 toc18
RXD
2V/div
CANH
1V/div
CANL
1V/div
CSPLIT = 47
μF
TXD-CAN PROPAGATION DELAY
200ns/div
MAX13041 toc17
TXD
2V/div
CANH
1V/div
CANL
1V/div
CSPLIT = 47
μF
Typical Operating Characteristics (continued)
(VCC = +5V, VI/O = +3.3V. VBAT = +12V, RL = 60Ω, CSPLIT = 4700pF, TA = +25°C, unless otherwise noted.)
INH VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
IINH = 1mA
CAN-RXD PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.6
0.4
0.8
2.0
-40
20
5
65
95
125
SPLIT LEAKAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
80
50
35
-10
-25
1.0
1.2
1.4
1.6
1.8
VSPLIT = +12V


Similar Part No. - MAX13041ASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13041ASD++ MAXIM-MAX13041ASD+ Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
More results

Similar Description - MAX13041ASD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1043A-Q1 TI-TCAN1043A-Q1 Datasheet
530Kb / 7P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
TCAN1043A-Q1 TI-TCAN1043A-Q1_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TCAN1043A-Q1 Low-Power Fault Protected CAN FD Transceiver with INH and WAKE
logo
Maxim Integrated Produc...
MAX3053 MAXIM-MAX3053_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com