Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13057E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13057E
Description  1.62V to 3.6V, 8-Channel, High-Speed LLT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13057E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13057E Datasheet HTML 1Page - Maxim Integrated Products MAX13057E Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.62V to 3.6V, 8-Channel, High-Speed LLT
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
2 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
IR
10%
0
0
AMPERES
Figure 5b. Human Body Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5a. Human Body ESD Test Model
100%
90%
60ns
10%
tR = 0.7ns to 1ns
I
30ns
t
Figure 6b. IEC 61000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50M
Ω to 100MΩ
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6a. IEC 61000-4-2 ESD Test Model
Ordering Information/Selector Guide (continued)
PART
I/O VL_ STATE
DURING SHUTDOWN
I/O VCC_ STATE
DURING SHUTDOWN
TEMP RANGE
PIN-PACKAGE
MAX13056EEWG+**
Open Drain
10k
Ω to GND
-40°C to +85°C
24 WLP
MAX13056EETI+**
Open Drain
10k
Ω to GND
-40°C to +85°C
28 TQFN-EP*
MAX13057EEWG+**
10k
Ω to GND
Open Drain
-40°C to +85°C
24 WLP
MAX13057EETI+**
10k
Ω to GND
Open Drain
-40°C to +85°C
28 TQFN-EP*
MAX13058EEWG+
10k
Ω to GND
10k
Ω to GND
-40°C to +85°C
24 WLP
MAX13058EETI+
10k
Ω to GND
10k
Ω to GND
-40°C to +85°C
28 TQFN-EP*
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
**
Future product—contact factory for availability.


Similar Part No. - MAX13057E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1305 MAXIM-MAX1305 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1305 MAXIM-MAX1305 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13057E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13042E MAXIM-MAX13042E Datasheet
427Kb / 14P
   1.62V to 3.6V Improved High-Speed LLT
Rev 0; 4/07
logo
Diodes Incorporated
PI7C9X752 DIODES-PI7C9X752 Datasheet
2Mb / 47P
   High Performance 1.62V To 3.6V Dual Uart with 64-Byte FIFO
Rev 3 - 2 April 2019
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Exar Corporation
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
logo
Texas Instruments
TL5632 TI1-TL5632 Datasheet
162Kb / 10P
[Old version datasheet]   8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
TL5632C TI-TL5632C Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com