Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15023 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15023
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15023 Datasheet HTML 1Page - Maxim Integrated Products MAX15023 Datasheet HTML 2Page - Maxim Integrated Products MAX15023 Datasheet HTML 3Page - Maxim Integrated Products MAX15023 Datasheet HTML 4Page - Maxim Integrated Products MAX15023 Datasheet HTML 5Page - Maxim Integrated Products MAX15023 Datasheet HTML 6Page - Maxim Integrated Products MAX15023 Datasheet HTML 7Page - Maxim Integrated Products MAX15023 Datasheet HTML 8Page - Maxim Integrated Products MAX15023 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMP_ Swing (High)
2.4
V
COMP_ Swing (Low)
No load at COMP_
0.6
V
COMP_ Source/Sink Current
ICOMP_
| ICOMP_ |, VCOMP_ = 1.5V
45
80
120
μA
ENABLE (EN_)
EN_ Input High
VEN_H
EN_ rising
1.15
1.20
1.25
V
EN_ Input Hysteresis
VEN_HYS
150
mV
EN_ Input Leakage Current
ILEAK_EN_
-250
+250
nA
OSCILLATOR
Switching Frequency
fSW
Each converter
460
500
540
kHz
Switching Frequency
Adjustment Range
(Note 4)
200
1000
kHz
PWM Ramp Peak-to-Peak
Amplitude
VRAMP
1.42
V
PWM Ramp Valley
VVALLEY
0.72
V
Phase Shift Between
Channels
From DH1 to DH2 rising edges
180
Degrees
Minimum Controllable On-Time
60
100
ns
Maximum Duty Cycle
86
87.5
%
OUTPUT DRIVERS
Low, sinking 100mA, VBST_ - VLX_ = 5V
1
DH_ On-Resistance
High, sourcing 100mA, VBST_ - VLX_ = 5V
1.2
Ω
Low, sinking 100mA, VCC = 5.2V
0.75
DL_ On-Resistance
High, sourcing 100mA, VCC = 5.2V
1.4
Ω
Sinking
3
DH_ Peak Current
CLOAD = 10nF
Sourcing
2
A
Sinking
3
DL_ Peak Current
CLOAD = 10nF
Sourcing
2
A
DH_, DL_ Break-Before-Make
Time (Dead Time)
15
ns
SOFT-START
Soft-Start Duration
2048
Switching
cycles
Reference Voltage Steps
64
Steps
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, RT = 33kΩ, CVCC = 4.7μF, CIN = 1μF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 3)


Similar Part No. - MAX15023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
254Kb / 10P
   Configurable for Power-Supply Sequencing Operation
Rev 0; 9/08
MAX15023ETG MAXIM-MAX15023ETG Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG MAXIM-MAX15023ETG Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
More results

Similar Description - MAX15023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com