Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16020 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16020
Description  Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16020 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16020 Datasheet HTML 6Page - Maxim Integrated Products MAX16020 Datasheet HTML 7Page - Maxim Integrated Products MAX16020 Datasheet HTML 8Page - Maxim Integrated Products MAX16020 Datasheet HTML 9Page - Maxim Integrated Products MAX16020 Datasheet HTML 10Page - Maxim Integrated Products MAX16020 Datasheet HTML 11Page - Maxim Integrated Products MAX16020 Datasheet HTML 12Page - Maxim Integrated Products MAX16020 Datasheet HTML 13Page - Maxim Integrated Products MAX16020 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
10
______________________________________________________________________________________
Pin Description—MAX16020/MAX16021
PIN
MAX16020
MAX16021
NAME
FUNCTION
1
1
BATT
Backup Battery Input. If VCC falls below its reset threshold, and if VBATT > VCC, OUT
connects to BATT. If VCC rises above 1.01 x VBATT, OUT connects to VCC. Bypass BATT to
GND with a 0.1µF capacitor.
22
MR
Active-Low Manual Reset Input. RESET asserts when MR is pulled low. RESET remains low
for the duration of reset timeout period after MR transitions from low to high. Connect MR to
OUT or leave unconnected if not used. MR is internally connected to OUT through a 30k
pullup resistor.
3
3
PFI
Power-Fail Comparator Input. Connect PFI to a resistive divider to set the desired PFI
threshold. The PFI input is referenced to an internal threshold VPFT, VPFT-HYS internal
hysteresis provides noise immunity. The power-fail comparator is powered from OUT.
4
4
WDI
Watchdog Timer Input. If WDI remains high or low for longer than the watchdog timeout
period (tWD), the internal watchdog timer runs out and asserts WDO. The internal watchdog
clears when reset asserts or whenever WDI sees a rising or falling edge. To disable the
watchdog feature, leave WDI unconnected or three-state the driver connected to WDI.
55
LL
Active-Low Low-Line Output. LL goes low when VCC falls to 2.5% above the reset threshold
(Table 2). LL provides an early warning of VCC failure before reset asserts. Use this output
to generate a nonmaskable interrupt (NMI) to initiate an orderly shutdown routine when
VCC is falling.
6
BATT_TEST
Open-Drain Battery-Test Output. Pulses low for 1.3s every 24 hours during the battery
voltage test. If VBATT < 2.6V, BATTOK deasserts low. See Figure 6 for providing additional
load during the battery test.
6
RESET
Active-High Reset Output. RESET asserts when VCC falls below the reset threshold or when
MR asserts and stays asserted for the reset timeout period after VCC rises above the reset
threshold and MR deasserts.
7
7
BATTOK
Battery-OK Output. BATTOK goes low when the battery voltage falls below the BATTOK
threshold (BATTOK is low when in battery-backup mode).
8
8
BATTON
Active-High Battery-On Output. BATTON goes high when in battery-backup mode.


Similar Part No. - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com