Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16005 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16005
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16005 Datasheet HTML 4Page - Maxim Integrated Products MAX16005 Datasheet HTML 5Page - Maxim Integrated Products MAX16005 Datasheet HTML 6Page - Maxim Integrated Products MAX16005 Datasheet HTML 7Page - Maxim Integrated Products MAX16005 Datasheet HTML 8Page - Maxim Integrated Products MAX16005 Datasheet HTML 9Page - Maxim Integrated Products MAX16005 Datasheet HTML 10Page - Maxim Integrated Products MAX16005 Datasheet HTML 11Page - Maxim Integrated Products MAX16005 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
8
_______________________________________________________________________________________
Pin Description (MAX16003/MAX16004/MAX16005)
PIN
NAME
FUNCTION
1
1
3
1
IN4
Monitored Input Voltage 4. See Table 1 for the input voltage threshold.
2
2
4
2
IN5
Monitored Input Voltage 5. See Table 1 for the input voltage threshold.
3
3
5
3
IN6
Monitored Input Voltage 6. See Table 1 for the input voltage threshold.
4
5
7
5
GND
Ground
56
8
6
VCC
Unmonitored Power-Supply Input
6
7
OUT4
Output 4. When the voltage at IN4 falls below its threshold, OUT4 goes low and stays low
until the voltage at IN4 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
7
8
OUT5
Output 5. When the voltage at IN5 falls below its threshold, OUT5 goes low and stays low
until the voltage at IN5 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
8
9
OUT6
Output 6. When the voltage at IN6 falls below its threshold, OUT6 goes low and stays low
until the voltage at IN6 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
912
13
11
MARGIN
Manual Deassert Input. Pull MARGIN low to deassert all outputs (go into high state),
regardless of the voltage at any monitored input.
10
13
OUT3
Output 3. When the voltage at IN3 falls below its threshold, OUT3 goes low and stays low
until the voltage at IN3 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
11
14
OUT2
Output 2. When the voltage at IN2 falls below its threshold, OUT2 goes low and stays low
until the voltage at IN2 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
12
15
OUT1
Output 1. When the voltage at IN1 falls below its threshold, OUT1 goes low and stays low
until the voltage at IN1 exceeds its threshold. The open-drain output has a 30µA internal
pullup to VCC.
13
17
15
13
IN1
Monitored Input Voltage 1. See Table 1 for the input voltage threshold.
14
18
16
14
IN2
Monitored Input Voltage 2. See Table 1 for the input voltage threshold.
15
19
1
15
IN3
Monitored Input Voltage 3. See Table 1 for the input voltage threshold.


Similar Part No. - MAX16005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16005 MAXIM-MAX16005_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com