Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16006 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16006
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16006 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16006 Datasheet HTML 6Page - Maxim Integrated Products MAX16006 Datasheet HTML 7Page - Maxim Integrated Products MAX16006 Datasheet HTML 8Page - Maxim Integrated Products MAX16006 Datasheet HTML 9Page - Maxim Integrated Products MAX16006 Datasheet HTML 10Page - Maxim Integrated Products MAX16006 Datasheet HTML 11Page - Maxim Integrated Products MAX16006 Datasheet HTML 12Page - Maxim Integrated Products MAX16006 Datasheet HTML 13Page - Maxim Integrated Products MAX16006 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
10
______________________________________________________________________________________
Pin Description (MAX16006/MAX16007)
PIN
NAME
FUNCTION
1
1
IN5
Monitored Input Voltage 5. See Table 1 for the input voltage threshold.
2
2
IN6
Monitored Input Voltage 6. See Table 1 for the input voltage threshold.
3
3
IN7
Monitored Input Voltage 7. See Table 1 for the input voltage threshold.
4
4
IN8
Monitored Input Voltage 8. See Table 1 for the input voltage threshold.
5
5
WDI
Watchdog Timer Input. If WDI remains low or high for longer than the watchdog timeout period,
RESET is asserted and the timer is cleared. The timer also clears whenever a reset is asserted or a
rising or falling edge on WDI is detected. The watchdog timer enters a startup period that allows 54s
for the first transition to occur before a reset. Leave WDI unconnected to disable the watchdog timer.
The WDI floating-state detector uses a small 400nA current. Therefore, do not connect WDI to
anything that will source or sink more than 200nA. Note that the leakage current specification for most
three-state drivers exceeds 200nA.
6
6
GND
Ground
77
VCC
Unmonitored Power-Supply Input
8
OUT5
Output 5. When the voltage at IN5 falls below its threshold, OUT5 goes low and stays low until the
voltage at IN5 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
9
OUT6
Output 6. When the voltage at IN6 falls below its threshold, OUT6 goes low and stays low until the
voltage at IN6 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
10
OUT7
Output 7. When the voltage at IN7 falls below its threshold, OUT7 goes low and stays low until the
voltage at IN7 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
11
OUT8
Output 8. When the voltage at IN8 falls below its threshold, OUT8 goes low and stays low until the
voltage at IN8 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
12
10
MR
Active-Low Manual Reset Input. Pull MR low to assert RESET low. RESET remains low for the reset
timeout period after MR is deasserted. MR is pulled up to VCC through a 20k
Ω resistor.
13
11
SRT
Set Reset Timeout Input. Connect a capacitor from SRT to GND to set the reset timeout period. The
reset timeout period can be calculated as follows:
Reset Timeout (s) = 2.06 x 106 (
Ω) x CSRT (F). For the internal timeout period of 140ms (min), connect
SRT to VCC.


Similar Part No. - MAX16006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16006 MAXIM-MAX16006_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com