Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16059 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16059
Description  125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16059 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16059 Datasheet HTML 2Page - Maxim Integrated Products MAX16059 Datasheet HTML 3Page - Maxim Integrated Products MAX16059 Datasheet HTML 4Page - Maxim Integrated Products MAX16059 Datasheet HTML 5Page - Maxim Integrated Products MAX16059 Datasheet HTML 6Page - Maxim Integrated Products MAX16059 Datasheet HTML 7Page - Maxim Integrated Products MAX16059 Datasheet HTML 8Page - Maxim Integrated Products MAX16059 Datasheet HTML 9Page - Maxim Integrated Products MAX16059 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
125nA Supervisory Circuits with Capacitor-
Adjustable Reset and Watchdog Timeouts
6
_______________________________________________________________________________________
Pin Description
PIN
MAX16056/
MAX16058
MAX16057/
MAX16059
NAME
FUNCTION
11
RESET
Push-Pull or Open-Drain Reset Output. RESET asserts whenever VCC drops below the
selected reset threshold voltage (VTH) or manual reset is pulled low. RESET remains low
for the reset timeout period after all reset conditions are deasserted, and then goes high.
The watchdog timer triggers a reset pulse (tRP) whenever a watchdog fault occurs
(MAX16056/MAX16058).
2
2
GND
Ground
3—
SWT
Watchdog Timeout Input. Connect a capacitor between SWT and GND to set the basic
watchdog timeout period (tWD). Determine the period by the formula tWD = Floor[CSWT x
5.15 x 10
6/6.4ms] x 6.4ms + 3.2ms (Note 5) with tWD in seconds and CSWT in Farads, or
use Table 2. Extend the basic watchdog timeout period by using the WDS input. Connect
SWT to ground to disable the watchdog timer function. The value of the capacitor must be
between 2275pF and 0.54µF to have a valid watchdog timeout period.
43
MR
Manual-Reset Input. Drive MR low to manually reset the device. RESET remains asserted
for the reset timeout period after MR is released. There is no internal pullup on MR. MR
must not be left unconnected. Connect MR to VCC if not used.
54
5
Reset Timeout Input. Connect a capacitor from SRT to GND to select the reset timeout
period. Determine the period as follows: tRP = 5.15 x 10
6 x CSRT with tRP in seconds and
CSRT in Farads, or use Table 2. The value of the capacitor must be between 39pF and
4.7µF.
6
WDI
Watchdog Input. A falling transition must occur on WDI within the selected watchdog
timeout period or a reset pulse occurs. The watchdog timer clears when a falling transition
occurs on WDI or whenever RESET is asserted. Connect SWT to ground to disable the
watchdog timer function.
7
WDS
Watchdog Select Input. WDS selects the watchdog timeout mode. Connect WDS to
ground to select normal mode. The watchdog timeout period is tWD. Connect WDS to VCC
to select extended mode, multiplying the basic timeout period (tWD) by a factor of 128. A
change in the state of WDS clears the watchdog timer.
86
VCC
Supply Voltage. VCC is the power-supply input and the input for fixed threshold VCC
monitor. For noisy systems, bypass VCC with a 0.1µF capacitor to GND.
5
N.C.
No Connection. Not internally connected.
EP
Exposed Pad. Connect EP to GND or leave unconnected.
Note 5: Floor: take the integral value.


Similar Part No. - MAX16059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16059ATT__+T MAXIM-MAX16059ATT__+T Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
More results

Similar Description - MAX16059

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16056 MAXIM-MAX16056_13 Datasheet
749Kb / 17P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com