Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16803ATE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16803ATE+
Description  High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16803ATE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16803ATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16803ATE+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
High-Voltage, 350mA, High-Brightness LED
Driver with PWM Dimming and 5V Regulator
6
_______________________________________________________________________________________
Functional Diagram
MAX16803
ENABLE
EN
REFERENCE
GENERATOR
REGULATOR
IN
V5
DIFFERENTIAL
SENSE
AMPLIFIER
THERMAL
SHUTDOWN
DIM
I_REG
IN
OUT
CS+
CS-
Detailed Description
The MAX16803 is a high-current regulator capable of
providing up to a total of 350mA of current to one or
more strings of HB LEDs. A wide operating input volt-
age range of +6.5V to +40V makes the MAX16803
ideal for automotive applications. A +5V regulated out-
put provides up to 4mA of current to power external cir-
cuitry. In addition, the MAX16803 features thermal and
output short-circuit protection. The wide operating volt-
age range helps protect the MAX16803 against large
transients such as those found in load-dump situations
up to 40V.
The MAX16803 uses a feedback loop to control the out-
put current. The differential voltage across the sense
resistor is compared to a fixed reference voltage, and
the error is amplified to serve as the drive to the internal
power series pass device (see the
Functional
Diagram). The regulation point is factory-set at (VCS+ -
VCS-) = 203mV ±3.5%. The regulated current is user
defined by the value of RSENSE.
The MAX16803 is a current controller internally opti-
mized for driving the impedance range expected from
one or more HB LEDs.
+5V Regulator
The MAX16803 includes a fixed +5V output regulator
that delivers up to 4mA of load current throughout the
+6.5V to +40V input voltage range. Connect a 0.1µF
compensation capacitor from V5 to ground. Shorting
V5 to ground disables the thermal shutdown. When EN
is low, V5 is off. V5 stays on during PWM dimming.
Thermal Protection
The MAX16803 enters a thermal-shutdown mode in the
event of overheating. This typically occurs in overload or
output short-circuit conditions. If the junction tempera-
ture exceeds TJ = +155°C (typ), the internal thermal-pro-
tection circuitry turns off the series pass device. The
MAX16803 recovers from thermal-shutdown mode once
the junction temperature drops by 23°C (typ). The part
therefore protects itself by thermally cycling in the event
of a short-circuit or overload condition.
Applications Information
Programming the LED Current
The MAX16803 uses a sense resistor across CS+ and
CS- to set the LED current. The differential sense ampli-
fier connected across RSENSE provides ground-loop
immunity and low-frequency noise rejection. The LED
current is given by
ILED = VSENSE / RSENSE


Similar Part No. - MAX16803ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803ATE MAXIM-MAX16803ATE Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
More results

Similar Description - MAX16803ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com