Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16818 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16818
Description  1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16818 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16818_09 Datasheet HTML 1Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 2Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 3Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 4Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 5Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 6Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 7Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 8Page - Maxim Integrated Products MAX16818_09 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1.5MHz, 30A High-Efficiency, LED Driver
with Rapid LED Current Pulsing
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC, TA = TJ = TMIN to TMAX, unless otherwise noted. Typical specifications are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLKOUT Phase Shift
φ_CLKOUT With respect to DH, fSW = 125kHz
180
Degrees
CLKOUT Output Low Level
VCLKOUTL
ISINK = 2mA
0.4
V
CLKOUT Output High Level
VCLKOUTH
ISOURCE = 2mA
4.5
V
SYNC Input-High Pulse Width
tSYNC
200
ns
SYNC Input Clock High Threshold
VSYNCH
2.0
V
SYNC Input Clock Low Threshold
VSYNCL
0.4
V
SYNC Pullup Current
ISYNC_OUT
VRT/SYNC = 0V
250
750
µA
SYNC Power-Off Level
VSYNC_OFF
0.4
V
INDUCTOR CURRENT LIMIT
Average Current-Limit Threshold
VCL
CSP to CSN
24.0
26.9
28.2
mV
Reverse Current-Limit Threshold
VCLR
CSP to CSN
-3.2
-2.3
-0.1
mV
Cycle-by-Cycle Current Limit
CSP to CSN
60
mV
Cycle-by-Cycle Overload
VCSP to VCSN = 75mV
260
ns
Hiccup Divider Ratio
LIM to VCM, no switching
0.547
0.558
0.565
V/V
Hiccup Reset Delay
200
ms
LIM Input Impedance
LIM to SGND
55.9
k
CURRENT-SENSE AMPLIFIER
CSP or CSN Input Resistance
RCS
4k
Common-Mode Range
VCMR(CS)
VIN = 7V to 28V
0
5.5
V
Input Offset Voltage
VOS(CS)
0.1
mV
Amplifier Gain
AV(CS)
34.5
V/V
3dB Bandwidth
f3dB
4
MHz
CURRENT-ERROR AMPLIFIER (TRANSCONDUCTANCE AMPLIFIER)
Transconductance
gm
550
µS
Open-Loop Gain
AVOL(CE)
No load
50
dB
DIFFERENTIAL VOLTAGE AMPLIFIER FOR LED CURRENT (DIFF)
Common-Mode Voltage Range
VCMR(DIFF)
0
+1.0
V
DIFF Output Voltage
VCM
VSENSE+ = VSENSE- = 0V
0.6
V
Input Offset Voltage
VOS(DIFF)
-1
+1
mV
Amplifier Gain
AV(DIFF)
0.994
1
1.006
V/V
3dB Bandwidth
f3dB
CDIFF = 20pF
3
MHz
Minimum Output-Current Drive
IOUT(DIFF)
4mA
SENSE+ to SENSE- Input
RVS
VSENSE- = 0V
50
100
k
V_IOUT AMPLIFIER
Gain-Bandwidth Product
VV_IOUT = 2.0V
4
MHz
3dB Bandwidth
VV_IOUT = 2.0V
1
MHz
Output Sink Current
30
µA
Output Source Current
90
µA


Similar Part No. - MAX16818_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ATI++ MAXIM-MAX16818ATI+ Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16818ETI++ MAXIM-MAX16818ETI+ Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818EVKIT MAXIM-MAX16818EVKIT Datasheet
141Kb / 6P
   MAX16818 Evaluation Kit
Rev 0; 6/07
More results

Similar Description - MAX16818_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
   High Efficiency, Constant Current 36V LED driver
logo
Maxic Technology Corpor...
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com