Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16815ASA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16815ASA+
Description  High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16815ASA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16815ASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX16815ASA+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
High-Voltage, 100mA/200mA Adjustable Linear
High-Brightness LED Drivers with PWM Dimming
_______________________________________________________________________________________
9
Multichannel HB LED Driver
Figure 5 shows an array of MAX16815/MAX16828s with
independent DIM control. The MAX5094C, a current-
mode PWM controller, provides the input power to each
LED driver preregulated voltage to multiple MAX16815/
MAX16828 drivers.
Chip Information
PROCESS: BiCMOS
IN
CS+
V5
DIM
OUT
GND
LEDs
C2
R1
Z1
R2
C1
D1
TAIL
STOP
R3
MAX16815
MAX16828
CS-
Q1
Figure 3. Two-Level Brightness with Current Level Switch for
TAIL/STOP Lights
VIN
IN
DIM
PWM
DIMMING
CS+
V5
OUT
GND
LEDs
C2
Q1
C1
RSENSE
MAX16815
MAX16828
CS-
Figure 4. Increased LED Current (Ampere Range)
with a Single BJT
REF
C3
R3
C6
R4
C4
L1
COMP
FB
CS
GND
VCC
VIN
CT/RT
CT
OUT
MAX5094C
MAX16815
MAX16828
U2
CREF
C2
D1
CCOMP
RCOMP
IN
EN
DIM
R2
CS-
CS+
OUT
GND
V5
R5
C7
LEDs
Q1
C10
MAX16815
MAX16828
U4
IN
EN
DIM
CS-
CS+
OUT
GND
V5
R7
C11
LEDs
C8
MAX16815
MAX16828
U3
IN
EN
DIM
CS-
CS+
OUT
GND
V5
R6
C9
LEDs
Figure 5. Multichannel HB LED Drivers for LCD Backlight


Similar Part No. - MAX16815ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16815 MAXIM-MAX16815 Datasheet
86Kb / 4P
   MAX16828 Evaluation Kit
Rev 0; 12/08
More results

Similar Description - MAX16815ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com