Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16005_UE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16005_UE+
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16005_UE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16005_UE+ Datasheet HTML 1Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16005_UE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.0V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TOL = GND
0.388
0.394
0.400
Adjustable Threshold
(IN_ Falling)
VTH
TOL = VCC
0.366
0.372
0.378
V
IN_ Hysteresis
VTH_HYS
IN_ rising
0.5
% VTH
Fixed thresholds
3
16
µA
IN_ Input Current
Adjustable thresholds
-100
+100
nA
RESET
SRT = VCC
140
200
280
CSRT = 1500pF (Note 4)
2.43
3.09
3.92
CSRT = 100pF
0.206
ms
Reset Timeout
tRP
CSRT = open
50
µs
SRT Ramp Current
ISRT
VSRT = 0V
460
600
740
nA
SRT Threshold
1.173
1.235
1.293
V
SRT Hysteresis
100
mV
IN_ to Reset Delay
tRD
IN_ falling
20
µs
VCC = 3.3V, ISINK = 10mA, RESET asserted
0.30
VCC = 2.5V, ISINK = 6mA, RESET asserted
0.30
RESET Output-Voltage Low
VOL
VCC = 1.2V, ISINK = 50µA, RESET asserted
0.30
V
RESET Output-Voltage High
VOH
VCC
≥ 2.0V, ISOURCE = 6µA, RESET
deasserted
0.8 x
VCC
V
MR Input-Voltage Low
VIL
0.3 x
VCC
V
MR Input-Voltage High
VIH
0.7 x
VCC
V
MR Minimum Pulse Width
1µs
MR Glitch Rejection
100
ns
MR to Reset Delay
200
ns
MR Pullup Resistance
Pulled up to VCC
12
20
28
k
OUTPUTS (OUT_ )
VCC = 3.3V, ISINK = 2mA
0.30
OUT_ Output-Voltage Low
VOL
VCC = 2.5V, ISINK = 1.2mA
0.30
V
OUT_ Output-Voltage High
VOH
VCC
≥ 2.0V, ISOURCE = 6µA
0.8 x
VCC
V
IN_ to OUT_ Propagation Delay
tD
(VTH + 100mV) to (VTH - 100mV)
20
µs


Similar Part No. - MAX16005_UE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16005 MAXIM-MAX16005_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16005_UE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com