Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16821B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16821B
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16821B Datasheet HTML 1Page - Maxim Integrated Products MAX16821B Datasheet HTML 2Page - Maxim Integrated Products MAX16821B Datasheet HTML 3Page - Maxim Integrated Products MAX16821B Datasheet HTML 4Page - Maxim Integrated Products MAX16821B Datasheet HTML 5Page - Maxim Integrated Products MAX16821B Datasheet HTML 6Page - Maxim Integrated Products MAX16821B Datasheet HTML 7Page - Maxim Integrated Products MAX16821B Datasheet HTML 8Page - Maxim Integrated Products MAX16821B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
_______________________________________________________________________________________
5
Note 1: All devices are 100% production tested at +25°C. Limits over temperature are guaranteed by design.
Note 2: Does not include an error due to finite error amplifier gain. See the
Voltage-Error Amplifier section.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE INPUT (EN)
EN Input-Voltage High
EN rising
2.437
2.5
2.562
V
EN Input Hysteresis
0.28
V
EN Pullup Current
IEN
13.5
15
16.5
µA
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
Thermal-Shutdown Hysteresis
20
°C
Typical Operating Characteristics
(VIN = 12V, VDD = VCC = 5V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT (IQ) vs. FREQUENCY
FREQUENCY (kHz)
1300
900
1100
500
700
300
1
2
3
4
5
6
7
8
9
10
0
100
1500
VIN = 24V
EXTERNAL CLOCK
NO DRIVER LOAD
VIN = 5V
VIN = 12V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
45
50
55
60
65
70
40
-40
85
VIN = 12V
CDH/DL = 22nF
VCC LOAD REGULATION vs. VIN
VCC LOAD CURRENT (mA)
135
120
90 105
30 45 60 75
15
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
0150
VIN = 24V
VIN = 7V
VIN = 12V
DRIVER RISE TIME
vs. DRIVER LOAD CAPACITANCE
LOAD CAPACITANCE (nF)
20
15
510
20
40
60
80
100
120
140
160
180
200
0
025
DH
DL
DRIVER FALL TIME
vs. DRIVER LOAD CAPACITANCE
LOAD CAPACITANCE (nF)
20
15
510
20
40
60
80
100
0
025
DH
DL
HIGH-SIDE DRIVER (DH) SINK
AND SOURCE CURRENT
MAX16821A toc06
2A/div
100ns/div
CLOAD = 22nF
VIN = 12V


Similar Part No. - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821B MAXIM-MAX16821B Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821B MAXIM-MAX16821B Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821B MAXIM-MAX16821B Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com