Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16007_TP+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16007_TP+
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16007_TP+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16007_TP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 10Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 11Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 12Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 13Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 14Page - Maxim Integrated Products MAX16007_TP+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
______________________________________________________________________________________
11
Pin Description (MAX16006/MAX16007) (continued)
PIN
NAME
FUNCTION
14
12
MARGIN
Margin Disable Input. Pull MARGIN low to deassert all outputs (go into high state), regardless of the
voltage at any monitored input.
15
OUT4
Output 4. When the voltage at IN4 falls below its threshold, OUT4 goes low and stays low until the
voltage at IN4 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
16
OUT3
Output 3. When the voltage at IN3 falls below its threshold, OUT3 goes low and stays low until the
voltage at IN3 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
17
OUT2
Output 2. When the voltage at IN2 falls below its threshold, OUT2 goes low and stays low until the
voltage at IN2 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
18
OUT1
Output 1. When the voltage at IN1 falls below its threshold, OUT1 goes low and stays low until the
voltage at IN1 exceeds its threshold. The open-drain output has a 30µA internal pullup to VCC.
19
15
RESET
Active-Low Reset Output. RESET asserts low when any of the monitored voltages falls below its
respective threshold or MR is asserted. RESET remains asserted for the reset timeout period after all
monitored voltages exceed their respective thresholds and MR is deasserted. This open-drain output
has a 30µA internal pullup.
20
16
IN1
Monitored Input Voltage 1. See Table 1 for the input voltage threshold.
21
17
IN2
Monitored Input Voltage 2. See Table 1 for the input voltage threshold.
22
18
IN3
Monitored Input Voltage 3. See Table 1 for the input voltage threshold.
23
19
IN4
Monitored Input Voltage 4. See Table 1 for the input voltage threshold.
24
20
TOL
Threshold Tolerance Input. Connect TOL to GND to select 5% threshold tolerance. Connect TOL to
VCC to select 10% threshold tolerance.
8, 9,
13, 14
N.C.
Not Internally Connected
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to provide a low thermal
resistance path from the IC junction to the PCB. Do not use as the electrical connection to GND.


Similar Part No. - MAX16007_TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16007 MAXIM-MAX16007_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16007_TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com