Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19995A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19995A
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19995A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19995A Datasheet HTML 1Page - Maxim Integrated Products MAX19995A Datasheet HTML 2Page - Maxim Integrated Products MAX19995A Datasheet HTML 3Page - Maxim Integrated Products MAX19995A Datasheet HTML 4Page - Maxim Integrated Products MAX19995A Datasheet HTML 5Page - Maxim Integrated Products MAX19995A Datasheet HTML 6Page - Maxim Integrated Products MAX19995A Datasheet HTML 7Page - Maxim Integrated Products MAX19995A Datasheet HTML 8Page - Maxim Integrated Products MAX19995A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
fRF
(Note 5)
1700
2200
MHz
LO Frequency
fLO
(Note 5)
1750
2700
MHz
Using Mini-Circuits TC4-1W-17 4:1
transformer as defined in the Typical
Application Circuit, IF matching components
affect the IF frequency range (Note 5)
100
500
IF Frequency
fIF
Using alternative Mini-Circuits TC4-1W-7A
4:1 transformer as defined in the Typical
Application Circuit, IF matching components
affect the IF frequency range (Note 5)
50
250
MHz
LO Drive Level
PLO
-3
+3
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
6.5
8.7
10.4
TC = +25°C (Note 7)
7.1
8.7
9.9
Conversion Gain
GC
TC = +25°C, fRF = 1850MHz (Note 8)
7.7
8.7
9.7
dB
Flatness over any one of three frequency
bands:
fRF = 1710MHz to 1785MHz
+0.07
fRF = 1850MHz to 1910MHz
-0.03
Conversion Gain Flatness
ΔGC
fRF = 1920MHz to 1980MHz
-0.13
dB
Gain Variation Over Temperature
TCCG
fRF = 1700MHz to 2000MHz,
fLO = 2050MHz to 2350MHz,
TC = -40°C to +85°C
-0.011
dB/°C
Input Compression Point
IP1dB
fRF = 1850MHz (Notes 7, 9)
9.5
13.5
dBm
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone
21.5
24.8
Input Third-Order Intercept Point
IIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone,
TC = +25°C
22
24.8
dBm
Input Third-Order Intercept Point
Variation Over Temperature
TCIIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone,
TC = -40°C to +85°C
0.006
dBm/°C
Single sideband, no blockers present
9.2
11.1
Noise Figure (Note 10)
NFSSB
fRF = 1850MHz, fLO = 2200MHz, TC = +25°C,
PLO = 0dBm, single sideband, no blockers
present
9.2
9.8
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40°C to +85°C
0.016
dB/°C
5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, R1 = R4 = 681Ω, R2 = R5 = 1.5kΩ, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω sources,
PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 1700MHz to 2000MHz, fLO = 2050MHz to 2350MHz, fIF = 350MHz, fRF < fLO, TC = -40°C
to +85°C. Typical values are at VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 1850MHz, fLO = 2200MHz, fIF = 350MHz, TC = +25°C.
All parameters are guaranteed by design and characterization, unless otherwise noted.) (Note 6)


Similar Part No. - MAX19995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995ETX++ MAXIM-MAX19995ETX+ Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995ETX+T MAXIM-MAX19995ETX+T Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
More results

Similar Description - MAX19995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
   SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com