Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71634ASIL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK71634ASIL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71634ASIL Datasheet(HTML) 2 Page - TOKO, Inc

  TK71634ASIL Datasheet HTML 1Page - TOKO, Inc TK71634ASIL Datasheet HTML 2Page - TOKO, Inc TK71634ASIL Datasheet HTML 3Page - TOKO, Inc TK71634ASIL Datasheet HTML 4Page - TOKO, Inc TK71634ASIL Datasheet HTML 5Page - TOKO, Inc TK71634ASIL Datasheet HTML 6Page - TOKO, Inc TK71634ASIL Datasheet HTML 7Page - TOKO, Inc TK71634ASIL Datasheet HTML 8Page - TOKO, Inc TK71634ASIL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Page 2
December 1999 TOKO, Inc.
TK716xx
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 16 V
Power Dissipation (Note 1) ................................ 500 mW
Reverse Bias Voltage ................................................. 6 V
Control Terminal Voltage ......................................... 12 V
Noise Bypass Terminal Voltage ................................. 5 V
Operating Voltage Range ............................... 1.8 to 12 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature (Ambient) Range
TK716xx SCL, TK716xx SCLH ............ -30 to +80
°C
TK716xx SIL .......................................... -40 to +85
°C
Junction Temperature (Operating) ........................ 125
°C
Junction Temperature (Shutdown) ........................ 150
°C
Lead Soldering Temperature (10 s) ...................... 235
°C
TK716xx SCL AND TK716xx SCLH ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = VOUT(TYP) + 1 V, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 500 mW when mounted as recommended. Derate at 4.0 mW/
°C for operation above 25 °C.
Gen Note: Exceeding the “Absolute Maximum Ratings” may damage the device.
Gen Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.
Gen Note: Ripple rejection is @ 60 dB when f = 400 Hz, C
L = 10 µF, CN = 0.1 µF, input noise = 100 mVrms, VIN = VOUT(TYP) + 1.5 V and IOUT = 30 mA.
Gen Note: Output noise is 0.13 ~ 0.23
µV/ Hz at 1 kHz when C
N = 0.1 µF.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
U
O
I
g
n
i
d
u
l
c
x
E
,
A
m
0
=
T
N
O
C
0
70
0
1A
µ
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
SV
N
I
,
V
8
=V
(
F
F
O
t
u
p
t
u
O
T
N
O
C
)
V
5
1
.
01
.
0A
µ
I
V
E
R
t
n
e
r
r
u
C
s
a
i
B
e
s
r
e
v
e
RV
N
I
,
V
0
=V
V
E
R
F
F
O
t
u
p
t
u
O
,
V
5
=1
0
5A
n
I
D
N
G
t
n
e
r
r
u
C
n
i
P
D
N
GI
T
U
O
A
m
0
5
=1
8
.
1A
m
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
s
u
o
u
n
i
t
n
o
C
0
5
1A
m
I
)
E
S
L
U
P
(
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
s
l
u
P%
0
4
=
e
l
c
y
C
y
t
u
D
,
e
s
l
u
p
s
m
0
10
0
2A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
OV
N
I
V
=
)
P
Y
T
(
T
U
O
,
V
1
+I
T
U
O
A
m
5
=2
d
n
a
1
e
l
b
a
T
e
e
SV
∆V
T
U
O
/
∆T
e
r
u
t
a
r
e
p
m
e
Tt
n
e
i
c
i
f
f
e
o
C0
2C
°
/
m
p
p
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
V
=
)
P
Y
T
(
T
U
O
V
o
t
V
1
+
)
P
Y
T
(
T
U
O
V
6
+2
5
1V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L
I
<
A
m
1
T
U
O
A
m
0
5
<4
8
1V
m
I
<
A
m
1
T
U
O
A
m
0
0
1
<7
8
2V
m
I
<
A
m
1
T
U
O
A
m
0
5
1
<2
10
5V
m
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
D
I
T
U
O
A
m
0
5
=0
90
6
1V
m
I
T
U
O
A
m
0
0
1
=0
4
10
3
2V
m
I
T
U
O
A
m
0
5
1
=
V
T
U
O
V
4
.
20
0
20
0
3V
m
V
T
U
O
V
4
.
2
<0
0
20
5
3V
m
V
f
e
r
l
a
n
i
m
r
e
T
s
s
a
p
y
B
e
s
i
o
N
e
g
a
t
l
o
V
6
2
.
1V
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
N
I
M
R
E
T
L
O
R
T
N
O
C
I
T
N
O
C
t
n
e
r
r
u
C
l
o
r
t
n
o
CV
T
U
O
,
V
6
.
1
=N
O
t
u
p
t
u
O0
1A
µ
V
)
N
O
(
T
N
O
C
N
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CN
O
t
u
p
t
u
O6
.
1V
V
)
F
F
O
(
T
N
O
C
F
F
O
e
g
a
t
l
o
V
l
o
r
t
n
o
CF
F
O
t
u
p
t
u
O6
.
0V


Similar Part No. - TK71634ASIL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71634ASIL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com