Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-23Y-EX Datasheet(PDF) 4 Page - Vicor Corporation

Part # VI-23Y-EX
Description  DC-DC Converters 50 to 200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-23Y-EX Datasheet(HTML) 4 Page - Vicor Corporation

  VI-23Y-EX Datasheet HTML 1Page - Vicor Corporation VI-23Y-EX Datasheet HTML 2Page - Vicor Corporation VI-23Y-EX Datasheet HTML 3Page - Vicor Corporation VI-23Y-EX Datasheet HTML 4Page - Vicor Corporation VI-23Y-EX Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
VI-200 DC-DC Converters 50 to 200 Watts
Rev. 2.9
Page 4 of 5
Set your site on VICOR at vicorpower.com
MECHANICAL DRAWING
4.60"L x 2.40"W x 1.08"H
(116,8 x 61,0 x 27,4 mm)
SlimMod
Flangeless package
MegaMod
Chassis mount alternatives, one, two,
or three outputs: up to 600 W
BusMod
FinMod
Flangeless package with integral heat sink
To order the SlimMod configuration add the suffix “ – S” to
the standard module part number.
Qty (2) grounding clips are included with each SlimMod
P/N 32187
Available with longitudinal or transverse fins of 0.25" or
0.50" height. Add the appropriate suffix to the module
part number.
Qty (4) grounding clips are included with each FinMod
F1, F2 P/N 32185
F3, F4 P/N 32186
To order the BusMod fully assembled, add suffix “–B1”
to the standard module part number.
To order the BusMod separately:
Full-sized BusMod — P/N 06322
4.60"L x 1.80"W x 0.50"H
(116,8 x 45,7 x 12,7 mm)
Longitudinal, 0.25" fins — add suffix “– F1”
Longitudinal, 0.50" fins — add suffix “– F2”
Transverse, 0.25" fins — add suffix “– F3”
Transverse, 0.50" fins — add suffix “– F4”
1 up – 4.9¨ x 2.5¨ x 0.62¨ (124,4 x 63,5 x 15,7 mm)
2 up – 4.9¨ x 4.9¨ x 0.62¨ (124,4 x 124,4 x 15,7 mm)
3 up – 4.9¨ x 7.3¨ x 0.62¨ (124,4 x 185,4 x 15,7 mm)
PACKAGING OPTIONS


Similar Part No. - VI-23Y-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-23YCU VICOR-VI-23YCU Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-23YCV VICOR-VI-23YCV Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-23YCW VICOR-VI-23YCW Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-23YCX VICOR-VI-23YCX Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-23YCY VICOR-VI-23YCY Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VI-23Y-EX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com