Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L8108SSC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # Z86L8108SSC
Description  28-Pin Low-Voltage Infrared Microcontrollers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

Z86L8108SSC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button Z86L8108SSC Datasheet HTML 2Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 3Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 4Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 5Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 6Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 7Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 8Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 9Page - Maxim Integrated Products Z86L8108SSC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
Z86L81/86/98
28-Pin Low-Voltage Infrared Microcontrollers
19-4615; Rev 0; 4/09
vi
List of Tables
Table 1.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Power Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Table 3.
28-Pin DIP, SOIC, and SSOP Pin Identification . . . . . . . . . . . . . . . . 6
Table 4.
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 5.
Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 6.
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
Additional Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 8.
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 9.
Expanded Register Group D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 10. CTR0 (D)00 Counter/Timer8 Control Register . . . . . . . . . . . . . . . . 30
Table 11. CTR(D)01h Register Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 12. CTR2 (D)02h: Counter/Timer16 Control Register . . . . . . . . . . . . . . 34
Table 13. SMR2(F)0Dh: Stop-Mode Recovery Register 2 . . . . . . . . . . . . . . . 36
Table 14. Interrupt Types, Sources, and Vectors . . . . . . . . . . . . . . . . . . . . . . 50
Table 15. IRQ Register* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 16. Stop-Mode Recovery Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 17. WDT Time Select* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 18. Mask Selectable Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63


Similar Part No. - Z86L8108SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L81 ZILOG-Z86L81 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
Z86L81 ZILOG-Z86L81 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
More results

Similar Description - Z86L8108SSC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
Z86L82 MAXIM-Z86L82 Datasheet
443Kb / 78P
   28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
logo
Microchip Technology
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
   Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
   28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F877A MICROCHIP-PIC16F877A Datasheet
3Mb / 234P
   28/40-pin Enhanced FLASH Microcontrollers
2003
PIC16C62B MICROCHIP-PIC16C62B_13 Datasheet
1Mb / 122P
   28-Pin 8-Bit CMOS Microcontrollers
11/29/12 1998-2013
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
logo
Microchip Technology
PIC16C62B MICROCHIP-PIC16C62B Datasheet
1Mb / 120P
   28-Pin 8-Bit CMOS Microcontrollers
1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com