Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L8808SSG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # Z86L8808SSG
Description  Low-Voltage IR Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

Z86L8808SSG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button Z86L8808SSG Datasheet HTML 3Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 4Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 5Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 6Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 7Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 8Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 9Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 10Page - Maxim Integrated Products Z86L8808SSG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Z86L88
Low-Voltage IR Microcontroller
19-4614; Rev 0; 4/09
List of Tables
vii
List of Tables
Table 1.
Z86L88 Features 1
Table 2.
Power Conventions 3
Table 3.
28-Pin DIP and SOIC Pin Identification 5
Table 4.
Absolute Maximum Ratings 6
Table 5.
Capacitance 7
Table 6.
DC Characteristics 8
Table 7.
AC Characteristics 11
Table 8.
Pin Assignments 17
Table 9.
Expanded Register Group D 34
Table 10. HI8(D)0Bh 34
Table 11. L08(D)0Ah 35
Table 12. HI16(D)09h 35
Table 13. L016(D)08h 35
Table 14. TC16H(D)07h 35
Table 15. TC16L(D)06h 36
Table 16. TC8H(D)05h 36
Table 17. TC8L(D)04h 36
Table 18. CTR0 (D)00 Counter/Timer8 Control Register 37
Table 19. CTR1(D)01h Register 39
Table 20. CTR2 (D)02h: Counter/Timer16 Control Register 42
Table 21. Interrupt Types, Sources, and Vectors 55
Table 22. IRQ Register * 56
Table 23. Stop-Mode Recovery Source 63
Table 24. SMR2(F)0Dh: Stop-Mode Recovery Register 2 65
Table 25. WDT Time Select* 66
Table 26. Mask Selectable Options 68


Similar Part No. - Z86L8808SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L8800ZCO ZILOG-Z86L8800ZCO Datasheet
59Kb / 2P
   IR REMOTE CONTROL DEVELOPMENT KIT
More results

Similar Description - Z86L8808SSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
   IR/Low-Voltage Microcontroller
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
   Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com