Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC441A Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC441A
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441A Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC441A Datasheet HTML 7Page - Semtech Corporation SC441A Datasheet HTML 8Page - Semtech Corporation SC441A Datasheet HTML 9Page - Semtech Corporation SC441A Datasheet HTML 10Page - Semtech Corporation SC441A Datasheet HTML 11Page - Semtech Corporation SC441A Datasheet HTML 12Page - Semtech Corporation SC441A Datasheet HTML 13Page - Semtech Corporation SC441A Datasheet HTML 14Page - Semtech Corporation SC441A Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SC441A

© 2009 Semtech Corporation
www.semtech.com
Block Diagram
Figure 1. SC441A Block Diagram
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
FAULT-1
TSD
HICCUP
OVP
UVLO
HICCUP
HICCUP
Fault
SS
3V3
Fault
CONTROL
LOGIC
VOUT
DISABLE1
EN
PWM
VIN
SW
AGND
COMP
OSC
ISENSE
Bandgap
IO1
OVPRTN
ILIM
PGND
SS
ONE IO CHANNEL SHOWN
IOSET
FFLAG
HICCUP
IOGND
UVLO & TSD
PGND
LED OPEN/SHORT/OVERSHOOT
CIRCUIT PROTECTION
CURRENT
SOURCE
OVPIN
SW
LED CURRENT
SETTING
OVP
Detect
DISABLE2
4.5uA
4.5uA
S
R
Q
0.9mA
0.9mA
1uA
1uA


Similar Part No. - SC441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441A SEMTECH-SC441A Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results

Similar Description - SC441A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441D SEMTECH-SC441D Datasheet
1Mb / 21P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
   High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
   High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
   High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com