Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527T123B3502 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527T123B3502
Description  Solid EMI/RFI Strain-Relief Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527T123B3502 Datasheet(HTML) 1 Page - Glenair, Inc.

  527T123B3502 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
H-2
CAGE Code 06324
B
C
E Max
A
Cable Entry
1.250
(31.8)
.800 (20.3)
Typ
1.40 (35.6)
Max
.125 (3.2) Dia
4 Places
.075 (1.9)
Max
3.00
(76.2)
1.55
(39.4)
527-123
45° Solid EMI/RFI Strain-Relief Backshell for
Hypertronics NEBY Connectors
1. Metric dimensions (mm) are indicated in parentheses.
2. Material/Finish:
Backshell = Al Alloy/See Table III
Hardware = SST/Passivate
Dash
No.
01
02
03
04
05
06
07
08
09
10
TABLE II: CABLE ENTRY
E
Max
.781 (19.8)
.968 (24.6)
1.406 (35.7)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Cable Range
Shell
Size
35
45
TABLE I: SHLL SIZE & CONNECTOR INTERFACE
A
Dim
4.170 (105.9)
5.170 (131.3)
B
Dim
3.800 (96.5)
4.800 (121.9)
C
Dim
3.520 (89.4)
4.520 (114.8)
527 T 123 M 35 09
Basic Part No.
Cable Entry Style
T = Top
Basic Part Number
Finish Symbol (Table III)
Shell Size (Table I)
Dash No. (Table II)
Symbol
B
J
M
N
NF
T
TABLE III - FINISH OPTIONS
Finish
Cadmium Plate, Olive Drab
Iridite, Gold Over Cadmium Plate over Nickel
Electroless Nickel
Cadmium Plate, Olive Drab, Over Nickel
Cadmium Plate, Olive Drab, Over Electroless
Nickel (1000 Hour Salt Spray)
Cadmium Plate, Bright Dip Over Nickel
(500 Hour Salt Spray)
CONSULT FACTORY FOR
OTHER AVAILABLE FINISHES


Similar Part No. - 527T123B3502

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B02 GLENAIR-527-015B02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B03 GLENAIR-527-015B03 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J01 GLENAIR-527-015J01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J02 GLENAIR-527-015J02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
More results

Similar Description - 527T123B3502

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527-109 GLENAIR-527-109 Datasheet
75Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell for Hypertronics NPBY Connectors
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com