Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11346BUIB Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11346BUIB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11346BUIB Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11346BUIB Datasheet HTML 4Page - TOKO, Inc TK11346BUIB Datasheet HTML 5Page - TOKO, Inc TK11346BUIB Datasheet HTML 6Page - TOKO, Inc TK11346BUIB Datasheet HTML 7Page - TOKO, Inc TK11346BUIB Datasheet HTML 8Page - TOKO, Inc TK11346BUIB Datasheet HTML 9Page - TOKO, Inc TK11346BUIB Datasheet HTML 10Page - TOKO, Inc TK11346BUIB Datasheet HTML 11Page - TOKO, Inc TK11346BUIB Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TK113xxBM/U
Page 8
April 2000 TOKO, Inc.
OUTPUT VOLTAGE VARIATION
-50
100
050
TA (°C)
-20
-10
0
10
-30
VOUT = 2 V
4 V
5 V
3 V
LINE VOLTAGE STEP RESPONSE
CN = 0.001 µF, CL = .22 µF
CN = 0.01 µF, CL = 2.2 µF
VOUT +2 V
VOUT +1 V
TIME (50 µs/DIV)
LOAD CURRENT STEP RESPONSE
CN = 0.01 F, CL = 2.2 µF
100 mA
50 mA
CN = 0.1 F, CL = 10 µF
TIME (50 µs/DIV)
NOISE SPECTRUM
01 M
-100
0
-50
500 k
f (Hz)
CL = 3.3 µF, CN = NONE
CL = 3.3 µF, CN = 0.1 µF
SPECTRUM ANALYZER BACK-
GROUND NOISE
NOISE LEVEL VS. CN
1 PF
10
CN
50
200
100
150
250
1000
0
100
.01 µF
.1
CL = 2.2 µF
VOUT = 3 V
IOUT = 60 mA
CL = 10 µF
CL = 3.3µF
RIPPLE REJECTION
0.01
0.1
f (kHz)
-80
-20
-60
-40
0
1
-100
10
100
CN = 0.1 µF
CN = 0.01 µF
I OUT = 30 mA
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11346BUIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11346BUCB TOKO-TK11346BUCB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11346BUCL TOKO-TK11346BUCL Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11346BUIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com