Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507E088XM21F05 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 507E088XM21F05
Description  Micro-D Backshells EMI, Composite, Round Cable Entry 507-088
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507E088XM21F05 Datasheet(HTML) 1 Page - Glenair, Inc.

  507E088XM21F05 Datasheet HTML 1Page - Glenair, Inc. 507E088XM21F05 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
L-14
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
HOW TO ORDER 507-088 EMI BACKSHELLS
Series
Shell Finish
Connector Size
Hardware Option
Cable Entry Code
Top Entry
507T088
Side Entry
507S088
45° Entry
507E088
XM
Electroless Nickel
0 9
15
21
25
31
37
51
100
B Fillister Head Jackscrew
H Hex Head Jackscrew
E Extended Jackscrew
(Not Available for 45°
Cable entry)
F Jackpost, Female
04 .125 (3.2)
05 .156 (4.0)
06 .188 (4.8)
07 .219 (5.6)
08 .250 (6.4)
09 .281 (7.1)
10 .312 (7.9)
11 .344 (8.7)
12 .375 (9.5)
Sample Part Number
507T088
M
25
H
08
Micro-D Backshells
EMI, Composite, Round Cable Entry 507-088
Maximum Cable Entry Code
Size
T
Top
Entry
E
45°
Entry
S
Side
Entry
9
08
08
09
15
08
08
12
21
08
08
12
25
08
08
12
31
09
09
12
37
09
09
12
51
10
10
12
100
12
12
12
Save Weight and Eliminate Corrosion Damage with
composite Micro-D backshells. These round cable
entry backshells are injection-molded with high strength
Ultem 2300 fiberglass-reinforced thermoplastic.
Choose Top, Side or 45° Cable Entry.
Electroless Nickel Plated for excellent EMI shielding
effectiveness.
MATERIALS
Shell
Ultem 2300
Clips
17-7PH Stainless Steel
Hardware 300 Series Stainless Steel


Similar Part No. - 507E088XM21F05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507E088XM21B04SK GLENAIR-507E088XM21B04SK Datasheet
304Kb / 2P
   Composite RFI/EMI Banding Backshell
More results

Similar Description - 507E088XM21F05

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-145-E09B GLENAIR-507-145-E09B Datasheet
84Kb / 1P
   Micro-D Backshells EMI Split Backshell, Round Cable Entry 507-145
507-146E09 GLENAIR-507-146E09 Datasheet
217Kb / 1P
   Micro-D Backshells Strain Relief Backshell, Round Cable Entry 507-146
507-142-E09B GLENAIR-507-142-E09B Datasheet
98Kb / 1P
   Micro-D Backshells Dual Entry EMI, One Piece 507-142
500T010E09B04 GLENAIR-500T010E09B04 Datasheet
320Kb / 2P
   Micro-D Backshells EMI, Banding, Round Cable Entry, One Piece
507T175E0901H GLENAIR-507T175E0901H Datasheet
351Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
507-035-E09H GLENAIR-507-035-E09H Datasheet
95Kb / 1P
   Micro-D Backshells Potting Shell 507-035
500T011E09B04 GLENAIR-500T011E09B04 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T010E09B04 GLENAIR-500T010E09B04_11 Datasheet
320Kb / 2P
   EMI/RFI Micro-D Banding Backshell and Round Cable Entry
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
559-005 GLENAIR-559-005 Datasheet
186Kb / 1P
   EMI/RFI Gasket For Micro-D Backshells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com