Electronic Components Datasheet Search |
|
TK71636ASCLH Datasheet(PDF) 3 Page - TOKO, Inc |
|
TK71636ASCLH Datasheet(HTML) 3 Page - TOKO, Inc |
3 / 20 page December 1999 TOKO, Inc. Page 3 TK716xx TK716xx SCL ELECTRICAL CHARACTERISTICS TABLE 1 Test Conditions: V IN = VOUT(TYP) + 1 V, IOUT = 5 mA, TA = 25 °C, unless otherwise specified. TK716xx SCLH ELECTRICAL CHARACTERISTICS TABLE 2 Test Conditions: V IN = VOUT(TYP) + 1 V, IOUT = 5 mA, TA = 25 °C, unless otherwise specified. Output Voltage V OUT(MIN) V OUT(MAX) Voltage Code 1.3 V 13 1.240 V 1.360 V 1.4 V 14 1.340 V 1.460 V 1.5 V 15 1.440 V 1.560 V 1.6 V 16 1.540 V 1.660 V 1.7 V 17 1.650 V 1.760 V 1.8 V 18 1.740 V 1.860 V 1.9 V 19 1.870 V 1.960 V 2.0 V 20 1.940 V 2.060 V 2.1 V 21 2.040 V 2.160 V 2.2 V 22 2.140 V 2.260 V 2.3 V 23 2.240 V 2.360 V 2.4 V 24 2.340 V 2.460 V 2.5 V 25 2.440 V 2.560 V 2.6 V 26 2.540 V 2.660 V 2.7 V 27 2.640 V 2.760 V 2.8 V 28 2.740 V 2.860 V 2.9 V 29 2.840 V 2.960 V 3.0 V 30 2.940 V 3.060 V 3.1 V 31 3.038 V 3.162 V 3.2 V 32 3.136 V 3.264 V 3.3 V 33 3.234 V 3.366 V Output Voltage V OUT(MIN) V OUT(MAX) Voltage Code 3.8 V 38 3.760 V 3.840 V 3.9 V 39 3.860 V 3.940 V 4.0 V 40 3.960 V 4.040 V 4.1 V 41 4.059 V 4.141 V 4.2 V 42 4.158 V 4.242 V 4.3 V 43 4.247 V 4.343 V 4.4 V 44 4.356 V 4.444 V 4.5 V 45 4.455 V 4.545 V 4.6 V 46 4.554 V 4.646 V 4.7 V 47 4.653 V 4.747 V 4.8 V 48 4.752 V 4.848 V 4.9 V 49 4.851 V 4.949 V 5.0 V 50 4.950 V 5.050 V 5.1 V 51 5.049 V 5.151 V 5.2 V 52 5.148 V 5.252 V 5.3 V 53 5.247 V 5.353 V 5.4 V 54 5.346 V 5.454 V Output Voltage V OUT(MIN) V OUT(MAX) Voltage Code 3.4 V 34 3.232 V 3.468 V 3.5 V 35 3.430 V 3.570 V 3.6 V 36 3.528 V 3.672 V 3.7 V 37 3.626 V 3.774 V 3.8 V 38 3.724 V 3.876 V 3.9 V 39 3.822 V 3.978 V 4.0 V 40 3.920 V 4.080 V 4.1 V 41 4.018 V 4.182 V 4.2 V 42 4.116 V 4.284 V 4.3 V 43 4.214 V 4.386 V 4.4 V 44 4.312 V 4.488 V 4.5 V 45 4.410 V 4.590 V 4.6 V 46 4.508 V 4.692 V 4.7 V 47 4.606 V 4.794 V 4.8 V 48 4.704 V 4.896 V 4.9 V 49 4.802 V 5.008 V 5.0 V 50 4.900 V 5.100 V 5.1 V 51 4.998 V 5.202 V 5.2 V 52 5.096 V 5.304 V 5.3 V 53 5.194 V 5.406 V 5.4 V 54 5.292 V 5.508 V Output Voltage V OUT(MIN) V OUT(MAX) Voltage Code 2.0 V 20 1.960 V 2.040 V 2.1 V 21 2.060 V 2.140 V 2.2 V 22 2.160 V 2.240 V 2.3 V 23 2.260 V 2.340 V 2.4 V 24 2.360 V 2.440 V 2.5 V 25 2.460 V 2.540 V 2.6 V 26 2.560 V 2.640 V 2.7 V 27 2.660 V 2.740 V 2.8 V 28 2.760 V 2.840 V 2.9 V 29 2.860 V 2.940 V 3.0 V 30 2.960 V 3.040 V 3.1 V 31 3.060 V 3.140 V 3.2 V 32 3.160 V 3.240 V 3.3 V 33 3.260 V 3.340 V 3.4 V 34 3.360 V 3.440 V 3.5 V 35 3.460 V 3.540 V 3.6 V 36 3.560 V 3.640 V 3.7 V 37 3.660 V 3.740 V |
Similar Part No. - TK71636ASCLH |
|
Similar Description - TK71636ASCLH |