Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11213BUCB Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK11213BUCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11213BUCB Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK11213BUCB Datasheet HTML 2Page - TOKO, Inc TK11213BUCB Datasheet HTML 3Page - TOKO, Inc TK11213BUCB Datasheet HTML 4Page - TOKO, Inc TK11213BUCB Datasheet HTML 5Page - TOKO, Inc TK11213BUCB Datasheet HTML 6Page - TOKO, Inc TK11213BUCB Datasheet HTML 7Page - TOKO, Inc TK11213BUCB Datasheet HTML 8Page - TOKO, Inc TK11213BUCB Datasheet HTML 9Page - TOKO, Inc TK11213BUCB Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Page 6
October 1999 TOKO, Inc.
TK112xxB
TK112xxBI ELECTRICAL CHARACTERISTICS TABLE 3
Test Conditions: V
IN = VOUT(TYP) + 1 V, IOUT = 30 mA, unless otherwise specified.
Room Temp. Range (T
A = 25 °C)
Full Temp. Range (T
A = -40 to +85 °C)
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
V
OUT(MIN)
V
OUT(MAX)
Voltage
Code
2.5 V
25
2.440 V
2.560 V
2.400 V
2.600 V
2.6 V
26
2.540 V
2.660 V
2.500 V
2.700 V
2.7 V
27
2.640 V
2.760 V
2.600 V
2.800 V
2.8 V
28
2.750 V
2.860 V
2.700 V
2.900 V
2.9 V
29
2.840 V
2.960 V
2.800 V
3.000 V
3.0 V
30
2.940 V
3.060 V
2.900 V
3.100 V
3.1 V
31
3.040 V
3.160 V
3.000 V
3.200 V
3.2 V
32
3.140 V
3.260 V
3.095 V
3.305 V
3.3 V
33
3.240 V
3.360 V
3.190 V
3.410 V
3.4 V
34
3.335 V
3.465 V
3.290 V
3.510 V
3.5 V
35
3.435 V
3.565 V
3.385 V
3.615 V
3.6 V
36
3.535 V
3.665 V
3.485 V
3.720 V
3.7 V
37
3.630 V
3.770 V
3.580 V
3.820 V
3.8 V
38
3.725 V
3.875 V
3.675 V
3.925 V
3.9 V
39
3.825 V
3.975 V
3.770 V
4.030 V
4.0 V
40
3.920 V
4.080 V
3.870 V
4.130 V
4.1 V
41
4.020 V
4.180 V
3.965 V
4.235 V
4.2 V
42
4.120 V
4.280 V
4.060 V
4.335 V
4.3 V
43
4.215 V
4.385 V
4.160 V
4.440 V
4.4 V
44
4.315 V
4.485 V
4.255 V
4.545 V
4.5 V
45
4.410 V
4.590 V
4.350 V
4.645 V
4.6 V
46
4.510 V
4.690 V
4.450 V
4.750 V
4.7 V
47
4.605 V
4.795 V
4.545 V
4.850 V
4.8 V
48
4.705 V
4.895 V
4.640 V
4.955 V
4.9 V
49
4.800 V
5.000 V
4.740 V
5.060 V
5.0 V
50
4.900 V
5.100 V
4.835 V
5.165 V
5.5 V
55
5.390 V
5.610 V
5.320 V
5.680 V
8.0 V
80
7.840 V
8.160 V
7.745 V
8.265 V


Similar Part No. - TK11213BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11220A TOKO-TK11220A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMBX TOKO-TK11220AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMTB TOKO-TK11220AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AMTL TOKO-TK11220AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11220AUBX TOKO-TK11220AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11213BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com