Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71624SILH Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK71624SILH
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71624SILH Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK71624SILH Datasheet HTML 5Page - TOKO, Inc TK71624SILH Datasheet HTML 6Page - TOKO, Inc TK71624SILH Datasheet HTML 7Page - TOKO, Inc TK71624SILH Datasheet HTML 8Page - TOKO, Inc TK71624SILH Datasheet HTML 9Page - TOKO, Inc TK71624SILH Datasheet HTML 10Page - TOKO, Inc TK71624SILH Datasheet HTML 11Page - TOKO, Inc TK71624SILH Datasheet HTML 12Page - TOKO, Inc TK71624SILH Datasheet HTML 13Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
December 1999 TOKO, Inc.
Page 9
TK716xx
200
DROPOUT VOLTAGE
TA (°C)
150
-50
0
50
100
0
100
50
IOUT = 60 mA
IOUT = 150 mA
IOUT = 1mA
IOUT = 90 mA
IOUT = 30 mA
5
CONTROL CURRENT
TA (°C)
4
-50
0
50
100
0
3
2
1
VCONT = 3.3 V
VCONT = 1.8 V
340
MAXIMUM OUTPUT CURRENT
TA (°C)
-50
0
50
100
260
300
320
280
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
OUTPUT NOISE DENSITY
f (Hz)
100
I K
10 K
100 K
1.0
10
0
IOUT = 30 mA
CL = 2.2 µF
CNP = 0.001 µF
0.1
CNP = 0.01 µF
CNP = 0.1 µF
RIPPLE REJECTION
0.01
0.1
1
10
100
f (kHz)
-80
-20
-60
-40
0
-100
IOUT =30 mA
CL = 3.3 µF
CN = 0.01 µF
CL = 3.3 µF
CN = 0.1 µF
10
OUTPUT VOLTAGE TEMPERATURE
COEFFICIENT
TA (°C)
-50
0
50
100
-30
-10
0
-20
VOUT = 3 V


Similar Part No. - TK71624SILH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71624SILH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com