Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHI-601-870H-X-T Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OHI-601-870H-X-T
Description  Series 601 - High current, PLCC2 size
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHI-601-870H-X-T Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OHI-601-870H-X-T Datasheet HTML 1Page - OSA Opto Light GmbH OHI-601-870H-X-T Datasheet HTML 2Page - OSA Opto Light GmbH OHI-601-870H-X-T Datasheet HTML 3Page - OSA Opto Light GmbH OHI-601-870H-X-T Datasheet HTML 4Page - OSA Opto Light GmbH OHI-601-870H-X-T Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
preliminary edition 11/04
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OHI-601 ?????-??-T
Intensity group
ZZ
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
D
Parts/reel
180 mm
330 mm
2000
8000
Tape And Reel Packing


Similar Part No. - OHI-601-870H-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHI-602-870H OSA-OHI-602-870H Datasheet
167Kb / 5P
   Series 602 - High current, PLCC2 size
OHI-602-870H-X-T OSA-OHI-602-870H-X-T Datasheet
167Kb / 5P
   Series 602 - High current, PLCC2 size
More results

Similar Description - OHI-601-870H-X-T

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHL-604870F OSA-OHL-604870F Datasheet
126Kb / 5P
   Series 604 - High current, PLCC2 size
OHI-602-870H OSA-OHI-602-870H Datasheet
167Kb / 5P
   Series 602 - High current, PLCC2 size
OHL-605HY OSA-OHL-605HY Datasheet
171Kb / 5P
   Series 605 - Power-LED, PLCC2 size High luminous intensity
logo
DB Lectro Inc
BS-601 DBLECTRO-BS-601 Datasheet
72Kb / 1P
   BS-601
logo
Faraday Technology
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
   TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
Faraday Technology
601F0767 FARADAY-601F0767 Datasheet
44Kb / 2P
   601 FILTERS
logo
Varitronix internationa...
VI-601 VARITRONIX-VI-601 Datasheet
29Kb / 1P
   VI-601
logo
Faraday Technology
L601F0575 FARADAY-L601F0575 Datasheet
115Kb / 2P
   CCIR REC.601 FILTERS
logo
List of Unclassifed Man...
QBLP670 ETC-QBLP670 Datasheet
746Kb / 13P
   PLCC2 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com