Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHI-631-870H Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OHI-631-870H
Description  Series 631 - High current, with lens
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OHI-631-870H Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OHI-631-870H Datasheet HTML 1Page - OSA Opto Light GmbH OHI-631-870H Datasheet HTML 2Page - OSA Opto Light GmbH OHI-631-870H Datasheet HTML 3Page - OSA Opto Light GmbH OHI-631-870H Datasheet HTML 4Page - OSA Opto Light GmbH OHI-631-870H Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Features
- size 1210: 3,3(L) x 2,9(W) x 2,9(H) mm
- circuit substrate: glass laminated epoxy
- replacement for PLCC2
- higher current up to 50 mA
- with lens, view angle 40°
- soldering pads: gold plated, all soldering methods
applicable
- taped in 12 mm blister tape, cathode to transporting
perforation
- all devices sorted into luminous intensity classes
- on request
- high radiation intensity types
IF, max[mA]
IF,P [mA]
tp
100
µs τ=1: 10
VR [V]
IR, max [
µA]
Thermal resistance
R thJA [K / W]
TOp [
°C]
TSt
°[C]
50
250
5
100
24
-40...85
-55...85
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
T
op[°C]
Maximal
forward
current (DC)
characteristic
Type
Marking
Measurement Switching time (rise & fall)
VF[V]
λp
Ie[mW/sr]
at
IF [mA]
typ [ns]
max [ns]
typ
max
[nm]
min
typ
OHI-631 -870H
cathode
50
20
80
1,4
1,6
870 ±15
10
20
OSA Opto Light GmbH
Köpenicker Str. 325 / Haus 201
12555 Berlin - Germany
Tel. +49 (0)30 65 76 26 83
Fax: +49 (0)30 65 76 26 81
E-Mail: contact@osa-opto.com
Series 631 - High current, with lens
Absolute Maximum Ratings
Electro-Optical Characteristics


Similar Part No. - OHI-631-870H

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHI-632-870H OSA-OHI-632-870H Datasheet
170Kb / 5P
   Series 632 - High current, with lens
OHI-632-870H-X-T OSA-OHI-632-870H-X-T Datasheet
170Kb / 5P
   Series 632 - High current, with lens
More results

Similar Description - OHI-631-870H

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OHI-632-870H OSA-OHI-632-870H Datasheet
170Kb / 5P
   Series 632 - High current, with lens
OHL-634870F OSA-OHL-634870F Datasheet
127Kb / 5P
   Series 634 - High current, with lens
OLS-336HY OSA-OLS-336HY Datasheet
132Kb / 5P
   Series 336 - with Lens - low current High luminous intensity
OLS-336R OSA-OLS-336R Datasheet
129Kb / 5P
   Series 336 - with Lens - low current low cost
OLS-336HYG OSA-OLS-336HYG Datasheet
128Kb / 5P
   Series 336 - with Lens - low current green 572 nm
OLS-330HY OSA-OLS-330HY Datasheet
133Kb / 5P
   Series 330 - 1206 with Lens High luminous intensity
logo
List of Unclassifed Man...
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
   LED with Lens
logo
OSA Opto Light GmbH
OLS-330BA460 OSA-OLS-330BA460 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens blue
OLS-330UW OSA-OLS-330UW Datasheet
148Kb / 5P
   Series 330 - 1206 with Lens white
OLS-330GB525 OSA-OLS-330GB525 Datasheet
138Kb / 5P
   Series 330 - 1206 with Lens green
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com