Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2000-OTP Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS2000-OTP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-OTP Datasheet(HTML) 1 Page - Cirrus Logic

  CS2000-OTP Datasheet HTML 1Page - Cirrus Logic CS2000-OTP Datasheet HTML 2Page - Cirrus Logic CS2000-OTP Datasheet HTML 3Page - Cirrus Logic CS2000-OTP Datasheet HTML 4Page - Cirrus Logic CS2000-OTP Datasheet HTML 5Page - Cirrus Logic CS2000-OTP Datasheet HTML 6Page - Cirrus Logic CS2000-OTP Datasheet HTML 7Page - Cirrus Logic CS2000-OTP Datasheet HTML 8Page - Cirrus Logic CS2000-OTP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Fractional-N Clock Synthesizer & Clock Multiplier
Features
Delta-Sigma Fractional-N Frequency Synthesis
Generates a Low Jitter 6 - 75 MHz Clock
from an 8 - 75 MHz Reference Clock
Clock Multiplier / Jitter Reduction
Generates a Low Jitter 6 - 75 MHz Clock
from a Jittery 50 Hz to 30 MHz Clock
Source
Highly Accurate PLL Multiplication Factor
Maximum Error Less Than 1 PPM in High-
Resolution Mode
One-Time Programmability
Configurable Hardware Control Pins
Configurable Auxiliary Output
Flexible Sourcing of Reference Clock
External Oscillator or Clock Source
Supports Inexpensive Local Crystal
Minimal Board Space Required
No External Analog Loop-filter
Components
General Description
The CS2000-OTP is an extremely versatile system
clocking device that utilizes a programmable phase lock
loop. The CS2000-OTP is based on a hybrid analog-
digital PLL architecture comprised of a unique combina-
tion
of
a
Delta-Sigma
Fractional-N
Frequency
Synthesizer and a Digital PLL. This architecture allows
for both frequency synthesis/clock generation from a
stable reference clock as well as generation of a low-jit-
ter clock relative to an external noisy synchronization
clock with frequencies as low as 50 Hz. The CS2000-
OTP has many configuration options which are set once
prior to runtime. At runtime there are three hardware
configuration pins available for mode and feature
selection.
The CS2000-OTP is available in a 10-pin MSOP pack-
age in Commercial (-10°C to +70°C) grade. Customer
development kits are also available for custom device
prototyping, small production programming, and device
evaluation. Please see “Ordering Information” on
page 29 for complete details.
Hardware Configuration
Auxiliary
Output
6 to 75 MHz
PLL Output
Frequency Reference
3.3 V
Hardware Control
8 MHz to 75 MHz
Low-Jitter Timing Reference
Fractional-N
Frequency Synthesizer
Digital PLL & Fractional
N Logic
Output to Input
Clock Ratio
N
Timing Reference
PLL Output
Lock Indicator
50 Hz to 30 MHz
Frequency Reference
Output to Input
Clock Ratio
AUG '09
DS758F1
CS2000-OTP


Similar Part No. - CS2000-OTP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
More results

Similar Description - CS2000-OTP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP_15 Datasheet
1Mb / 37P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
CS2300-CP CIRRUS-CS2300-CP_09 Datasheet
257Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com