Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2300-CP Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS2300-CP
Description  Fractional-N Clock Multiplier with Internal LCO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Datasheet(HTML) 4 Page - Cirrus Logic

  CS2300-CP Datasheet HTML 1Page - Cirrus Logic CS2300-CP Datasheet HTML 2Page - Cirrus Logic CS2300-CP Datasheet HTML 3Page - Cirrus Logic CS2300-CP Datasheet HTML 4Page - Cirrus Logic CS2300-CP Datasheet HTML 5Page - Cirrus Logic CS2300-CP Datasheet HTML 6Page - Cirrus Logic CS2300-CP Datasheet HTML 7Page - Cirrus Logic CS2300-CP Datasheet HTML 8Page - Cirrus Logic CS2300-CP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS2300-CP
4
DS843F1
1. PIN DESCRIPTION
Pin Name
#
Pin Description
VD
1
Digital Power (Input) - Positive power supply for the digital and analog sections.
GND
2
Ground (Input) - Ground reference.
CLK_OUT
3
PLL Clock Output (Output) - PLL clock output.
AUX_OUT
4
Auxiliary Output (Output) - This pin outputs a buffered version of one of the input or output clocks,
or a status signal, depending on register configuration.
CLK_IN
5
Frequency Reference Clock Input (Input) - Clock input for the Digital PLL frequency reference.
FILTP
FILTN
6
7
LCO Filter Connections (Input/Output) - These pins provide external supply filtering for the inter-
nal LC Oscillator.
AD0/CS
8
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C
Mode. CS is the chip select signal in SPI Mode.
SCL/CCLK
9
Control Port Clock (Input) - SCL/CCLK is the serial clock for the serial control port in I²C and SPI
mode.
SDA/CDIN
10
Serial Control Data (Input/Output) - SDA is the data I/O line in I²C Mode. CDIN is the input data
line for the control port interface in SPI Mode.
1
2
3
4
5
6
7
8
9
10
FILTP
CLK_OUT
GND
VD
FILTN
AD0/CS
SCL/CCLK
SDA/CDIN
AUX_OUT
CLK_IN


Similar Part No. - CS2300-CP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP-CZZ CIRRUS-CS2300-CP-CZZ Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP-CZZR CIRRUS-CS2300-CP-CZZR Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
More results

Similar Description - CS2300-CP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com