Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3511 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 5 Page - Cirrus Logic

  CS3511 Datasheet HTML 1Page - Cirrus Logic CS3511 Datasheet HTML 2Page - Cirrus Logic CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CS3511
DS845PP2
5
OUT1+
OUT1-
OUT2+
OUT2-
9
12
16
13
Differential PWM Output (Output) - Differential PWM Outputs for channel 1 and channel 2.
VP
10
15
20
High Voltage Power (Input) - Supply pins for high current H-bridges.
PGND
11
14
17
Power Ground (Input) - High current ground for analog outputs.
CPUMP
18
Charge Pump Input (Input) - Input pin for charge pump.
DCAP
19
Charge Pump Switching Pin (Output) - Free-running 350 kHz square wave between VP and ground.
5VGEN
21
5 Volt Generator (Output) - Regulated 5 VDC source used to supply power to the input section (pins 2
and 28).
AGND
23
27
30
Analog Ground (Input) - Connect all pins together directly at the thermal pad of the CS3511.
IN2+
IN2-
24
25
Negative Analog Input (Input) - Negative Audio Signal for channel 2 and channel 1, respectively.
C2
C1
26
31
Pop Minimization Capacitor (Input) - External capacitor used to reduce turn on/off pops.
V5A
28
Analog Power (Input) - Supply for analog circuitry. Connect to 5VGEN.
BIASCAP
29
Analog Input Bias (Input) - Input stage bias voltage.
Thermal Pad
-
Thermal Pad (Input) - Thermal relief pad for optimized heat dissipation. Connect to PGND. See “QFN
Thermal Pad” on page 16 for more information.


Similar Part No. - CS3511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZ CIRRUS-CS3511-CNZ Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZR CIRRUS-CS3511-CNZR Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results

Similar Description - CS3511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
   Stereo 10 W High-efficiency Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com