Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8422-DNZR Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8422-DNZR
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8422-DNZR Datasheet HTML 4Page - Cirrus Logic CS8422-DNZR Datasheet HTML 5Page - Cirrus Logic CS8422-DNZR Datasheet HTML 6Page - Cirrus Logic CS8422-DNZR Datasheet HTML 7Page - Cirrus Logic CS8422-DNZR Datasheet HTML 8Page - Cirrus Logic CS8422-DNZR Datasheet HTML 9Page - Cirrus Logic CS8422-DNZR Datasheet HTML 10Page - Cirrus Logic CS8422-DNZR Datasheet HTML 11Page - Cirrus Logic CS8422-DNZR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
8
DS692PP2
CS8422
LIST OF TABLES
Table 1. VLRCK Behavior ......................................................................................................................... 35
Table 2. PLL Clock Ratios ......................................................................................................................... 38
Table 3. Hardware Mode Control Settings ................................................................................................ 40
Table 4. Hardware Mode Serial Audio Format Control .............................................................................41
Table 5. Hardware Mode Serial Audio Port Clock Control ........................................................................ 41
Table 6. Summary of Software Register Bits ............................................................................................ 44
Table 7. GPO Pin Configurations .............................................................................................................. 50
Table 8. ISCLK/ILRCK Ratios and SISF Settings ..................................................................................... 53
Table 9. OSCLK1/OLRCK1 Ratios and SOSF1 Settings .......................................................................... 54
Table 10. OSCLK2/OLRCK2 Ratios and SOSF1 Settings ........................................................................ 55


Similar Part No. - CS8422-DNZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
More results

Similar Description - CS8422-DNZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422 Datasheet
1Mb / 82P
   24-bit, 192 kHz, Asynchronous Sample Rate Converter with
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com