Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1354KKTTN-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1354KKTTN-T
Description  High Precision 2-Wire Linear Hall Effect Sensor IC with Pulse Width Modulated Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1354KKTTN-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1354KKTTN-T Datasheet HTML 6Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 7Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 8Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 9Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 10Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 11Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 12Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 13Page - Allegro MicroSystems A1354KKTTN-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
and for unipolar devices as:
D(BPOS) – D(Q)
BPOS
Sens =
,
(5)
where BPOS and BNEG are two magnetic fields with opposite
polarities.
Guaranteed Sensitivity Range The magnetic sensitivity,
Sens, can be programmed around its nominal value within the
sensitivity range limits: Sens(min) and Sens(max). Refer to the
Guaranteed Quiescent Duty Cycle Output Range section for a
conceptual explanation of how value distributions and ranges are
related.
Average Sensitivity Step Size Refer to the Average Qui-
escent Duty Cycle Output Step Size section for a conceptual
explanation.
Sensitivity Programming Resolution Refer to the Quies-
cent Duty Cycle Output Programming Resolution section for a
conceptual explanation.
Guaranteed Carrier Frequency Range The PWM output
signal carrier frequency, fPWM, can be programmed around its
nominal value in fast mode or slow mode.
Average Carrier Frequency Step Size Refer to the Average
Quiescent Duty Cycle Output Step Size section for a conceptual
explanation.
Carrier Frequency Programming Resolution Refer to the
Quiescent Duty Cycle Output Programming Resolution section
for a conceptual explanation.
Sensitivity Temperature Coefficient Device Sensitiv-
ity changes as temperature changes, with respect to its pro-
grammed sensitivity temperature coefficient, TCSENS. TCSENS
is programmed at 125°C, and calculated relative to the nominal
sensitivity programming temperature of 25°C. TCSENS (%/°C) is
defined as:
SensT2 – SensT1
SensT1
T2–T1
1
TCSens =
×100%
,




(6)
where T1 is the nominal Sens programming temperature of 25°C,
and T2 is the TCSENS programming temperature of 125°C. The
expected value of Sens over the full ambient temperature range,
SensEXPECTED(TA), is defined as:
SensT1× [100% +TCSENS (TA –T1)]
SensEXPECTED(TA) =
100 %
(7)
SensEXPECTED(TA) should be calculated using the actual measured
values of SensT1 and TCSENS rather than ideal programming
target values.
Sensitivity Drift Through Temperature Range Second
order sensitivity temperature coefficient effects cause the mag-
netic sensitivity, Sens, to drift from its expected value over the
operating ambient temperature range, TA. For purposes of speci-
fication, the sensitivity drift through temperature range, ∆SensTC,
is defined as:
SensTA – SensEXPECTED(TA)
SensEXPECTED(TA)
∆SensTC =
×100% .
(8)
Sensitivity Drift Due to Package Hysteresis Package
stress and stress relaxation can cause the device sensitivity at
TA = 25°C to change during and after temperature cycling.
For purposes of specification, the sensitivity drift due to package
hysteresis, ∆SensPKG, is defined as:
Sens(25°C)2 – Sens(25°C)1
Sens(25°C)1
∆SensPKG =
×100% ,
(9)
where Sens(25°C)1 is the programmed value of sensitivity at
TA = 25°C, and Sens(25°C)2 is the value of sensitivity at TA =
25°C, after temperature cycling TA up to 125°C, down to –40°C,
and back to up 25°C.
Linearity Sensitivity Error The A1354 is designed to provide
a linear output in response to a ramping applied magnetic field.
Consider two magnetic fields, B1 and B2. Ideally, the sensitivity
of a device is the same for both fields, for a given supply voltage
and temperature. Linearity error is present when there is a differ-
ence between the sensitivities measured at B1 and B2.
High Precision 2-Wire Linear Hall Effect Sensor IC
with Pulse Width Modulated Output
A1354
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1354KKTTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
   High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
More results

Similar Description - A1354KKTTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1354KKT-T ALLEGRO-A1354KKT-T Datasheet
546Kb / 23P
   High Precision 2-Wire Linear Hall Effect Sensor IC With Pulse Width Modulated Output
A1351 ALLEGRO-A1351 Datasheet
669Kb / 24P
   High Precision Linear Hall Effect Sensor IC with a Push/Pull, Pulse Width Modulated Output
A1359 ALLEGRO-A1359_16 Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1359LLETR-T ALLEGRO-A1359LLETR-T Datasheet
279Kb / 12P
   Factory-Programmed Dual Output Linear Hall Effect Sensor IC With Analog and Pulse Width Modulated Outputs
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1357 ALLEGRO-A1357 Datasheet
423Kb / 20P
   Two-Wire High Precision Linear Hall-Effect Sensor IC
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
   High Precision Linear Hall-Effect Sensor
logo
Micronas
HAL856 MICRONAS-HAL856 Datasheet
990Kb / 42P
   Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com