Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3908 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3908
Description  Low Voltage DC Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3908 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3908 Datasheet HTML 1Page - Allegro MicroSystems A3908 Datasheet HTML 2Page - Allegro MicroSystems A3908 Datasheet HTML 3Page - Allegro MicroSystems A3908 Datasheet HTML 4Page - Allegro MicroSystems A3908 Datasheet HTML 5Page - Allegro MicroSystems A3908 Datasheet HTML 6Page - Allegro MicroSystems A3908 Datasheet HTML 7Page - Allegro MicroSystems A3908 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Low Voltage DC Motor Driver
A3908
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Voltage Regulation
The A3908 regulates the voltage
across the motor coil. The voltage across the OUTA
and OUTB terminal is sensed and compared to an
internal threshold voltage. The high-side switch will
be driven in linear mode to keep the applied voltage
maintained at the calculated level, as follows:
VOUT = 4 × VREF (R2 / [R1+R2]) ,
where VREF (VBG) is 1.285 V typical.
Then, for forward mode:
VOUT = VOUTA – VOUTB ,
and for reverse mode:
VOUT = VOUTB – VOUTA .
The alternative method is to provide a tightly regu-
lated voltage to the motor supply pin and run the
source and sink drivers as switches. The voltage drop
across these switches will vary linearly with tempera-
ture and current, therefore the voltage across the motor
coil also will vary. The A3908 will eliminate these
sources of error for a system where controlling the
motor voltage is the optimum means of control.
Thermal Shutdown
The A3908 will disable the out-
puts if the junction temperature, TJ , reaches 165°C.
There is 15°C of hysteresis, so when the junction
temperature drops below 150°C, the device will begin
to operate normally.
Dropout Mode
The source and sink drivers have a
total RDS(on) of approximately 1.2 Ω total. When the
motor supply voltage, VDD, drops too low compared
to the regulated value, the IC enters dropout mode. In
this case, the voltage across the motor coil will be:
VMOTOR = VDD – ILOAD (RDS(sink) + RDS(src))
Brake Mode
When both inputs are high, the A3908
goes into high-side brake mode (turns on both source
drivers). There is no protection during braking, so care
must be taken to ensure that the peak current does not
exceed the absolute maximum current, IOUT.
Standby Mode
To minimize battery drain, standby
mode will turn off all of the circuitry and draw typi-
cally less than 100 nA from the VDD line. There will
be a very short delay, approximately 2 μs, before
enabling the output drivers after release of standby
mode.
Power Dissipation
. Power can be approximated
based on the below three components:
PD(src) = ILOAD (VDD –VREG) ,
PD(sink) = ILOAD × RDS(sink) , and
Pbias = VDD × IDD.
Control Logic Table
Settings
Resulting Mode
IN1
IN2
OUTA
OUTB
0
0
Off
Off
Standby
0
1
Low
VREG
Reverse
10
VREG
Low
Forward
1
1
High
High
Brake


Similar Part No. - A3908

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3908-0000T 3M-A3908-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3908-0010T 3M-A3908-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3908-2000T 3M-A3908-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3908-2010T 3M-A3908-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3908EEETR-T ALLEGRO-A3908EEETR-T Datasheet
247Kb / 8P
   Low Voltage DC Motor Driver
More results

Similar Description - A3908

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3918 ALLEGRO-A3918 Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3918SESTR-T ALLEGRO-A3918SESTR-T Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3908 ALLEGRO-A3908_16 Datasheet
247Kb / 8P
   Low Voltage DC Motor Driver
A3903 ALLEGRO-A3903 Datasheet
214Kb / 8P
   Low Voltage DC Motor Driver
A3918 ALLEGRO-A3918_16 Datasheet
226Kb / 8P
   Low Voltage DC Motor Driver
A3903 ALLEGRO-A3903_16 Datasheet
224Kb / 8P
   Low Voltage DC Motor Driver
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
STSPIN240 STMICROELECTRONICS-STSPIN240 Datasheet
654Kb / 26P
   Low voltage dual brush DC motor driver
November 2016 Rev 3
logo
Fairchild Semiconductor
FAN8100N FAIRCHILD-FAN8100N Datasheet
268Kb / 14P
   Low Voltage/Low Saturation 2-CH DC Motor Driver
logo
Allegro MicroSystems
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
   Low-Voltage Full-Bridge Brushless DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com