Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4447SLJTR-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A4447SLJTR-T
Description  High Voltage Step Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4447SLJTR-T Datasheet(HTML) 8 Page - Allegro MicroSystems

  A4447SLJTR-T Datasheet HTML 1Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 2Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 3Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 4Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 5Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 6Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 7Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 8Page - Allegro MicroSystems A4447SLJTR-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
High Voltage Step Down Regulator
A4447
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
R1
R2
D1
RTSET
COUT
CIN1
CIN2
L1
U1
VIN
VOUT
CBOOT
CBYP
GND
GND
GND
GND
Recommended PCB Layout
The large star ground area on the populated side of the PCB, shown in the diagram as the GND nodes, supports high current throughput, and allows
the VOUT node to be located as close as practical to the A4447 (U1). Thermal conduction from the A4447 is enhanced by direct contact of its
exposed thermal pad to the smaller ground area under the A4447. This area is connected by thermal vias to the large copper ground plane on the
unpopulated side of the PCB.
Star Ground
Exposed copper thermal
ground area on the
unpopulated side of the PCB
In order to minimize the effects of ground bounce and offset
issues, it is important to have a low impedance ground located
very close to the device. This grounding scheme is known as star
grounding. It is likely that a ground plane will be necessary to
meet thermal requirements. The recommended land pattern illus-
trates how to create a low impedance ground that will also assist
with removing thermal energy from the device.
The input capacitor must be placed as close as possible to the
VIN terminal because during the on cycle it is responsible for
supplying the current to the switcher. During the off cycle, the
current path is from the negative terminal of the COUT cap,
through the diode and inductor, and then to the load. As a result,
COUT and the rectifier diode must share the connection at the
negative terminal of the CIN capacitor in order to reduce ground
bounce when the diode is conducting.
The inductor should be connected as close as possible to the
switching node to minimize noise. Some applications may require
a shielded inductor due to EMI restrictions. This will depend on
the application and parameters defined by the system that will
host the regulator.
The high voltage-switching node could affect RTSET. If longer
off-times are used, the resistance on the RTSET pin can be quite
large. When designing the layout, try to keep RTSET away from
the inductor and switching node. It is also beneficial to keep the
trace as short as possible to reduce the effect of noise injection.
Because of this layout guideline, the TSET pin is located on the
other side of the device, away from the switching node.
The FB resistor network should have a lower impedance to avoid
interference from the switching node. Because the impedance
on the FB node can be controlled, it is not as critical to keep the
network isolated. It is important to keep the ground trace short so
that ground bounce cannot effect the output voltage regulation.
VOUT
VIN
R2
R1
L1
COUT
CIN1
CIN2
CBYP
D1
RTSET
CBOOT
1
A4447
ENB
LX
VBIAS
VIN
GND
FB
TSET
BOOT
PAD


Similar Part No. - A4447SLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
More results

Similar Description - A4447SLJTR-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1189 ANALOGICTECH-AAT1189 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com