Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6210GEUTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6210GEUTR-T
Description  3 A, 2 MHz Buck-Regulating LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6210GEUTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6210GEUTR-T Datasheet HTML 1Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 2Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 3Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 4Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 5Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 6Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 7Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 8Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3 A, 2 MHz Buck-Regulating LED Driver
A6210
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Basic Operation
The A6210 is a buck regulator that utilizes valley current mode
control. The on-time is set by the amount of current that flows
into the TON pin. This is determined by the value of the TON
resistor chosen (R1 in the Functional Block diagram) and the
magnitude of the input voltage, VIN. Under a specific set of
conditions, an on-time can be set that then dictates the switching
frequency. This switching frequency remains reasonably con-
stant throughout load and line conditions as the on-time varies
inversely with the input voltage.
At the beginning of the switching cycle, the buck switch is turned
on for a fixed period that is determined by the current flowing
into TON. Once the current comparator trips, a one-shot mono-
stable, the On Timer, is reset, turning off the switch. The current
through the inductor then decays. This current is sensed through
the external sense resistor (R2), and then compared against the
current-demand signal. After the current through the sense resis-
tor decreases to the valley of the current-demand signal, the On
Timer is set to turn the buck switch back on again and the cycle is
repeated.
Disable/Enable The regulator is enabled by pulling the DIS pin
low. To disable the regulator, the DIS pin can simply be discon-
nected (open circuit).
Shutdown The regulator is disabled in the event of either an
overtemperature event, or an undervoltage on VIN (VINUV) or on
an internal housekeeping supply.
As soon as any of the above faults have been removed and
assuming DIS = 0, the output is restored.
Switch On Time and Switching Frequency The switch
on-time effectively determines the operating frequency of the
converter. To minimize the size of the power inductor and input
filtering it is recommended to run with as high a frequency
as possible. The MOSFET drivers are optimized to minimize
switching losses.
An important consideration in selecting the switching frequency
is to ensure that the on time (60 ns) and off time (350 ns) limita-
tions are not reached under extreme conditions:
• the minimum on time occurs at maximum input voltage
• the maximum off time occurs at minimum input voltage
The following table takes into account the above maximum off
time figure and outlines the typical switching frequencies that can
be achieved for a given number of LEDs and input voltage. Note
that it is highly recommended that worst case values are used
when considering any design.
Switching
Frequency
(MHz)
Input Voltage
12 V
24 V
36 V
Quantity
of LEDs
LED
Span
Voltage
(V)
Quantity
of LEDs
LED
Span
Voltage
(V)
Quantity
of LEDs
LED
Span
Voltage
(V)
2.0
1
3.5
2
7.0
3
10.5
1.7
1
3.5
3
10.5
4
14.0
1.0
2
7.0
4
14.0
6
21.0
0.300
3
10.5
6
21.0
9
31.5
The switch on time is programmed by the current flowing into
the TON pin. The current is determined by the input voltage, VIN,
and the resistor, R1. The on time, Ton, can be found:
Ton =
.
VIN × 2.05 × 1010
10 × 10–9
R1
+
(1)
To calculate the actual switching frequency, fsw, the Ton from the
above calculation can be used in conjunction with the transfer
function of the converter, as follows:
fSW =
.
×
VOUT + Vf
VIN + Vf
1
Ton
(2)
A simplified approach to selecting the Ton resistor (R1), to
accomplish an approximate switching frequency, can be found
from the following formula:
R1
fSW
=
.
VIN × 2.05 × 1010
(3)
Figure 1 illustrates a range of switching frequencies that can be
achieved with a given resistor and LED voltage. Each LED is
assumed to have a voltage drop of 3.5 V.
High Brightness LED Driving
The A6210 can be configured as a very simple, low cost, high
brightness LED driver. The solution can drive high brightness
LEDs up to more than 3 A, while achieving very high efficien-
cies, in excess of 90%.
The solution uses valley current mode control. This architecture
is optimized for high switching frequencies, allowing the use
Functional Description


Similar Part No. - A6210GEUTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
457Kb / 12P
   The A6210 is a buck regulator that uses valley current-mode control.
More results

Similar Description - A6210GEUTR-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6323 ONSEMI-NCV6323 Datasheet
293Kb / 16P
   3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
   1.2 A Buck LED Driver
logo
Texas Instruments
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com