Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

527S287NF Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527S287NF
Description  Split Backshell for Hughes MRS Pin Body Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527S287NF Datasheet(HTML) 1 Page - Glenair, Inc.

  527S287NF Datasheet HTML 1Page - Glenair, Inc. 527S287NF Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-18
CAGE Code 06324
527-287
Split Backshell
Straight, 45°, & 90° Entry
for Hughes MRS Pin Body Connectors
527 S 287 NF 158 C 2 W 1
Product Series
Angle and Profile
S = Straight
A = 45°
B = 90°
Basic No.
Finish (Table II)
Shell Size (Table I)
1 = Slotted Shaft for use
with screw driver
(Omit for Standard)
W = Wing Knob
X = Wing Knob, Low Profile
(Dim K Applies)
(Omit for Standard)
Polarization Position
(Omit for None)
C = Protective Cover and Chain
N = No Cover and Chain
F
.750 (19.1) Max
45°
Pin Body with Pin
Protector (Ref Only)
6-32 UNC-2B
4 Places
Optional Protective Cover
(See P/N Development)
J/K
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. Backshells to be used with Pin Body Connectors, Back-Mounted on .094 (2.4) Nominal Panel.
WING KNOB
OPTION
Wire Rope
#5
#4
#3
#2
#10
#9
#7
#8
#6
Shaft Assembly
M Thread
L
1.000 (25.4)
Wire
Protection
Tube
.356+.031
(9.0+0.8)
(See Note 2)
E
A
B
#1
D
C
8.500+.500
(215.9+12.7)
Wire Rope Attachment Optional
Screw
3 Places
Standoff Supplied with Shell
Size 212 for Wire Rope
Attachment
SYMBOL "S"
(STRAIGHT)
SYMBOL "B"
(90°)
H
G
SYMBOL "A"
(45°)


Similar Part No. - 527S287NF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527S288B GLENAIR-527S288B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288J GLENAIR-527S288J Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288LF GLENAIR-527S288LF Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288M GLENAIR-527S288M Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S288N GLENAIR-527S288N Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
More results

Similar Description - 527S287NF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527S288B GLENAIR-527S288B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
52719702001B GLENAIR-52719702001B Datasheet
127Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
52722002001B GLENAIR-52722002001B Datasheet
126Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
507-001 GLENAIR-507-001 Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
500-043 GLENAIR-500-043 Datasheet
73Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-078MAE02 GLENAIR-507-078MAE02 Datasheet
77Kb / 1P
   Split Banding Backshell for MIL-C-83733 Connectors
527296B2 GLENAIR-527296B2 Datasheet
120Kb / 1P
   Split Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com