Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

620AS048 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 620AS048
Description  Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620AS048 Datasheet(HTML) 1 Page - Glenair, Inc.

  620AS048 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 62 - Page 14
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 20053 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
A Thread
(Table I)
E (Table I)
E
(Table III)
F (Table III)
Cable
Entry
G
(Table III)
Cable
Entry
H
(Table III)
H (Table III)
F
(Table III)
A Thread
(Table I)
E (Table I)
Drain Holes,
4 Places,
90° Apart
Anti-Rotation
Device
1. Cable Entry is defined
as the accommodation
entry for the wire
bundle or cable.
Dimensions are not
intended for inspection
criteria.
2. Metric dimensions
(mm) are indicated in
parentheses.
See inside back
cover fold-out or
pages 13 and 14 for
Tables I and II.
CONNECTOR
DESIGNATOR
A
SELF-LOCKING
ROTATABLE
COUPLING
620-048
Strain Relief
Self-Locking Rotatable Coupling - Straight and 90°
F
Max
.782 (19.9)
.862 (21.9)
1.003 (25.5)
1.061 (26.9)
1.334 (33.9)
1.466 (37.2)
1.572 (39.9)
1.688 (42.9)
1.790 (45.5)
2.035 (51.7)
2.386 (60.6)
2.496 (63.4)
2.566 (65.2)
E
Max
.730 (18.5)
.850 (21.6)
.980 (24.9)
.980 (24.9)
1.100 (27.9)
1.350 (34.3)
1.480 (37.6)
1.600 (40.6)
1.730 (43.9)
1.880 (47.8)
2.130 (54.1)
2.440 (62.0)
2.630 (66.8)
Shell
Size
08
10
12
14
16
18
20
22
24
28
32
36
40
Open
.204
(5.2)
.286
(7.3)
.416 (10.6)
.476 (12.1)
.626 (15.9)
.706 (17.9)
.831 (21.1)
.956 (24.3)
1.081 (27.5)
1.187 (30.1)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
Cable Entry
Closed
.125
(3.2)
.187
(4.7)
.291
(7.4)
.351
(8.9)
.501 (12.7)
.518 (13.2)
.581 (14.8)
.644 (16.4)
.706 (17.9)
.750 (19.1)
.875 (22.2)
.938 (23.8)
.938 (23.8)
H
Max
.808 (20.5)
.867 (22.0)
.929 (23.6)
.992 (25.2)
1.056 (26.8)
1.233 (31.3)
1.296 (32.9)
1.358 (34.5)
1.420 (36.1)
1.634 (41.5)
1.859 (47.2)
1.984 (50.4)
2.109 (53.6)
G
Max
1.930 (49.0)
1.020 (25.9)
1.210 (30.7)
1.270 (32.3)
1.420 (36.1)
1.530 (38.9)
1.650 (41.9)
1.780 (45.2)
1.900 (48.3)
2.200 (55.9)
2.270 (57.7)
2.390 (60.7)
2.520 (64.0)
TABLE III: CABLE ENTRY
Product Series
Connector Designator
Angle and Profile
S = Straight
A = 90°
See page 62-9 for 45°
620 A S 048 M 16 D
Drain Hole Option - 90° Only
(Omit for None)
Shell Size (Table III)
Finish (Table II)
Basic Part No.


Similar Part No. - 620AS048

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AS042 GLENAIR-620AS042 Datasheet
305Kb / 1P
   Composite Strain-Relief Clamp
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
More results

Similar Description - 620AS048

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
   Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
   Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
   Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
   Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
   Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
   Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
   Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
   Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
   Strain Relief
620FB049 GLENAIR-620FB049 Datasheet
288Kb / 1P
   Strain Relief
620ES050M16 GLENAIR-620ES050M16 Datasheet
28Kb / 1P
   Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com