Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5C4008CW-15L Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS5C4008CW-15L
Description  512K x 8 SRAM SRAM MEMORY ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008CW-15L Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS5C4008CW-15L Datasheet HTML 6Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 7Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 8Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 9Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 10Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 11Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 12Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 13Page - Austin Semiconductor AS5C4008CW-15L Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C4008
AS5C4008
Rev. 6.2 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
ASI Case #304 (Package Designator F)
SMD 5962-95600, Case Outline 9
MECHANICAL DEFINITION*
*All measurements are in inches.
MIN
MAX
A
0.096
0.114
b
0.008
0.019
c
0.003
0.008
D
0.816
0.838
D1
0.742
0.758
E
0.419
0.460
E2
0.345
0.427
e
L
0.290
0.310
Q
0.024
0.038
SYMBOL
SMD SPECIFICATIONS
0.050 BSC
NOTE: These dimensions are per the SMD. ASI's package dimensional limits
may differ, but they will be within the SMD limits.
Top View
c
E2
A
Q
D
E
L
e
b
D1


Similar Part No. - AS5C4008CW-15L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008CW-15L/883C AUSTIN-AS5C4008CW-15L/883C Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-15L/IT AUSTIN-AS5C4008CW-15L/IT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-15L/XT AUSTIN-AS5C4008CW-15L/XT Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C4008CW-15L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
   512K x 32 SRAM SRAM Memory Array MCM
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com